Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
RF69
Page 63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.2. Common Configuration Registers
Table 24 Common Configuration Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegFifo
(0x00)
7-0
Fifo
rw
0x00
FIFO data input/output
RegOpMode
(0x01)
7
SequencerOff
rw
0
Controls the automatic Sequencer (see section 4.2 ):
0 → Operating mode as selected with Mode bits in
RegOpMode is automatically reached with the Sequencer
1 → Mode is forced by the user
6
ListenOn
rw
0
Enables Listen mode, should be enabled whilst in
Standby mode:
0 → Off (see section 4.3)
1 → On
5
ListenAbort
w
0
Aborts Listen mode when set together with ListenOn=0
See section 4.3.4 for details
Always reads 0.
4-2
Mode
rw
001
Transceiver
‟ s operating modes:
000 → Sleep mode (SLEEP)
001 → Standby mode (STDBY)
010 → Frequency Synthesizer mode (FS)
011 → Transmitter mode (TX)
100 → Receiver mode (RX)
others → reserved
Reads the value corresponding to the current chip mode
1-0
-
r
00
unused
RegDataModul
(0x02)
7
-
r
0
unused
6-5
DataMode
rw
00
Data processing mode:
00 → Packet mode
01 → reserved
10 → Continuous mode with bit synchronizer
11 → Continuous mode without bit synchronizer
4-3
ModulationType
rw
00
Modulation scheme:
00 → FSK
01 → OOK
10 - 11 → reserved
2
-
r
0
unused
1-0
ModulationShaping
rw
00
Data shaping:
in FSK:
00 → no shaping
01 → Gaussian filter, BT = 1.0
10 → Gaussian filter, BT = 0.5
11 → Gaussian filter, BT = 0.3
in OOK:
00 → no shaping
01 → filtering with fcutoff = BR
10 → filtering with fcutoff = 2*BR
11 → reserved
RegBitrateMsb
(0x03)
7-0
BitRate(15:8)
rw
0x1a
MSB of Bit Rate (Chip Rate when Manchester encoding is
enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com