Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
RF69
Page 64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RegBitrateLsb
(0x04)
7-0
BitRate(7:0)
rw
0x0b
LSB of Bit Rate (Chip Rate if Manchester encoding is
enabled)
BitRate = -------
FXO
--
SC
------
----------- --------
BitRate(15,0)
Default value: 4.8 kb/s
RegFdevMsb
(0x05)
7-6
-
r
00
unused
5-0
Fdev(13:8)
rw
000000 MSB of the frequency deviation
RegFdevLsb
(0x06)
7-0
Fdev(7:0)
rw
0x52
LSB of the frequency deviation
Fdev = Fstep  Fd ev (15,0)
Default value: 5 kHz
RegFrfMsb
(0x07)
7-0
Frf(23:16)
rw
0xe4
MSB of the RF carrier frequency
RegFrfMid
(0x08)
7-0
Frf(15:8)
rw
0xc0
Middle byte of the RF carrier frequency
RegFrfLsb
(0x09)
7-0
Frf(7:0)
rw
0x00
LSB of the RF carrier frequency
Frf = Fstep 
Default value: Frf = 915 MHz (32 MHz XO)
RegOsc1
(0x0A)
7
RcCalStart
w
0
Triggers the calibration of the RC oscillator when set.
Always reads 0. RC calibration must be triggered in
Standby mode.
6
RcCalDone
r
1
0 → RC calibration in progress
1 → RC calibration is over
5-0
-
r
000001 unused
RegAfcCtrl
(0x0B)
7-6
-
r
00
unused
5
AfcLowBetaOn
rw
0
Improved AFC routine for signals with modulation index
lower than 2. Refer to section 3.4.16 for details
0 → Standard AFC routine
1 → Improved AFC routine
4-0
-
r
00000
unused
Reserved0C
(0x0C)
7-0
-
r
0x02
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com