Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
RF69
Page 23
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.4. Receiver Description
The RF69 features a digital receiver with the analog to digital conversion process being performed directly following the
LNA-Mixers block. The zero-IF receiver is able to handle (G)FSK and (G)MSK modulation. ASK and OOK modulation is,
however, demodulated by a low-IF architecture. All the filtering, demodulation, gain control, synchronization and packet
handling is performed digitally, which allows a very wide range of bit rates and frequency deviations to be selected. The
receiver is also capable of automatic gain calibration in order to improve precision on RSSI measurements.
3.4.1. Block Diagram
Rx Calibration
Reference
RFIO
From
PA1
LNA
Single to
Differential
Mixers

Modulators
Channel
Filter
DC
Cancellation
Complex
Filter
CORDIC
Phase
Output
Module
Output
RSSI
FSK
Demodulator
OOK
Demodulator
Local
Oscillator
AFC
Bypassed
in FSK
AGC
Figure 7. Receiver Block Diagram
The following sections give a brief description of each of the receiver blocks.
3.4.2. LNA - Single to Differential Buffer
The LNA uses a common-gate topology, which allows for a flat characteristic over the whole frequency range. It is
designed to have an input impedance of 50 Ohms or 200 Ohms (as selected with bit LnaZin in RegLna), and the parasitic
capacitance at the LNA input port is cancelled with the external RF choke. A single to differential buffer is implemented to
improve the second order linearity of the receiver.
The LNA gain, including the single-to-differential buffer, is programmable over a 48 dB dynamic range, and control is either
manual or automatic with the embedded AGC function.
Note
In the specific case where the LNA gain is manually set by the user, the receiver will not be able to properly handle
FSK signals with a modulation index smaller than 2 at an input power greater than the 1dB compression point,
tabulated in section 3.4.3.
Table 12 LNA Gain Settings
LnaGainSelect
LNA Gain
Gain Setting
000
Any of the below, set by the AGC loop
-
001
Max gain
G1
010
Max gain - 6 dB
G2
011
Max gain - 12 dB
G3
100
Max gain - 24 dB
G4
101
Max gain - 36 dB
G5
110
Max gain - 48 dB
G6
111
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com