Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
RF69
Page 33
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
When the AFC is automatically triggered (AfcAutoOn = 1), the user has the option to:
 Clear the former AFC correction value, if AfcAutoClearOn = 1
 Start the AFC evaluation from the previously corrected frequency. This may be useful in systems in which the LO keeps
on drifting in the
“ same direction” . Ageing compensation is a good example.
The RF69 offers an alternate receiver bandwidth setting during the AFC phase, to accommodate large LO drifts. If the
user considers that the received signal may be out of the receiver bandwidth, a higher channel filter bandwidth can be
programmed in RegAfcBw, at the expense of the receiver noise floor, which will impact upon sensitivity.
3.4.16. Optimized Setup for Low Modulation Index Systems
 For wide band systems, where AFC is usually not required (XTAL inaccuracies do not typically impact the sensitivity), it
is recommended to offset the LO frequency of the receiver to avoid desensitization. This can be simply done by
modifying Frf in RegFrfLsb. A good rule of thumb is to offset the receiver
‟ s LO by 10% of the expected transmitter
frequency deviation.
 For narrow band systems, it is recommended to perform AFC. The RF69 has a dedicated AFC, enabled when
AfcLowBetaOn in RegAfcCtrl is set to 1. A frequency offset, programmable through LowBetaAfcOffset in RegTestAfc, is
added and is calculated as follows:
Offset = LowBetaAfcOffset x 488 Hz
The user should ensure that the programmed offset exceeds the DC canceller
‟ s cutoff frequency, set through DccFreqAfc
in RegAfcBw.
RX
TX
RX & TX
FeiValue
Standard AFC
AfcLowBetaOn = 0
AfcValue
f
f
RX
TX
TX RX
FeiValue
Optimized AFC
AfcLowBetaOn = 1
AfcValue
LowBetaAfcOffset
f
f
Before AFC
After AFC
Figure 15. Optimized AFC (AfcLowBetaOn=1)
As shown on Figure 15, a standard AFC sequence uses the result of the FEI to correct the LO frequency and align both
local oscillators. When the optimized AFC is enabled (AfcLowBetaOn=1), the receiver
‟ s LO is corrected by “ FeiValue
+ LowBetaAfcOffset
” .
When the optimized AFC routine is enabled, the receiver startup time can be computed as follows (refer to section 4.2.3):
TS_RE_AGC&AFC (optimized AFC) = Tana + 4.Tcf + 4.Tdcc + 3.Trssi + 2.Tafc + 2.Tpllafc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com