Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
RF69
Page 46
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
FifoLevel
1
0
B
B+1
# of bytes in FIFO
Figure 27. FifoLevel IRQ Source Behavior
Note
- FifoLevel interrupt is updated only after a read or write operation on the FIFO. Thus the interrupt cannot be
dynamically updated by only changing the FifoThreshold parameter
- FifoLevel interrupt is valid as long as FifoFull does not occur. An empty FIFO will restore its normal operation
5.2.2.4. FIFO Clearing
Table below summarizes the status of the FIFO when switching between different modes
Table 20 Status of FIFO when Switching Between Different Modes of the Chip
From
To
FIFO status
Comments
Stdby
Sleep
Not cleared
Sleep
Stdby
Not cleared
Stdby/Sleep
Tx
Not cleared
To allow the user to write the FIFO in Stdby/Sleep before Tx
Stdby/Sleep
Rx
Cleared
Rx
Tx
Cleared
Rx
Stdby/Sleep
Not cleared
To allow the user to read FIFO in Stdby/Sleep mode after Rx
Tx
Any
Cleared
5.2.3. Sync Word Recognition
5.2.3.1. Overview
Sync word recognition (also called Pattern recognition) is activated by setting SyncOn in RegSyncConfig. The bit
synchronizer must also be activated in continuous mode (automatically done in Packet mode) .
The block behaves like a shift register; it continuously compares the incoming data with its internally programmed Sync
word and sets SyncAddressMatch when a match is detected. This is illustrated in Figure 28 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com