Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
RF69
Page 40
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Notes - the accuracy of the typical timings given in Table 17 will depend in the RC oscillator calibration
- RC oscillator calibration is required, and must be performed at power up. See section 4.3.5 for details
4.3.2. Criteria
The criteria taken for detecting a wanted signal and hence deciding to maintain the receiver on is defined by ListenCriteria
in RegListen1.
Table 18 Signal Acceptance Criteria in Listen Mode
ListenCriteria
Input Signal Power
>= RssiThreshold
SyncAddressMatch
0
Required
Not Required
1
Required
Required
4.3.3. End of Cycle Actions
The action taken after detection of a packet, is defined by ListenEnd in RegListen3, as described in the table below.
Table 19 End of Listen Cycle Actions
ListenEnd
Description
00
Chip stays in Rx mode. Listen mode stops and must be disabled.
01
Chip stays in Rx mode until PayloadReady or Timeout interrupt occurs. It then goes to the
mode defined by Mode. Listen mode stops and must be disabled.
10
Chip stays in Rx mode until PayloadReady or Timeout interrupt occurs. Listen mode then
resumes in Idle state. FIFO content is lost at next Rx wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com