Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 19Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 20Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 22Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 23Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 24Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
21
7
Modes of Operation
Figure 9. FXLS8471Q power mode transition diagram
All register contents are preserved when transitioning from Active to Standby mode, but some registers are reset when
transitioning from Standby to Active. These registers are noted in Table 13, “Register Address Map,” on page 25. The Sleep and
Wake modes are active modes. For more information on how to use the Sleep and Wake modes and configuring the device to
transition between them, please refer to Section 8, “Embedded Functionality” or Freescale application note AN4074.
Table 12. Mode of operation description
Mode
I2C/SPI Bus state
VDD
VDDIO
Function description
OFF
Powered down
<1.8 V VDDIO can be > VDD
The device is powered off. All analog and digital blocks
are shutdown. I2C bus inhibited.
Standby
I2C/SPI communication with
FXLS8471Q is possible
ON
VDDIO = High
VDD = High
Active bit is cleared
Only digital blocks are enabled.
Analog subsystem is disabled. Internal clocks disabled.
Active
(Wake/Sleep)
I2C/SPI communication with
FXLS8471Q is possible
ON
VDDIO = High
VDD = High
Active bit is set
All blocks are enabled (digital and analog).
Sleep
Wake
Standby
OFF
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com