Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 33Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 34Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
33
The active bit selects between Standby mode and Active mode. The default value is 0 (Standby mode) on reset.
The lnoise bit selects between normal full dynamic range mode and a high sensitivity, low-noise mode. In low-noise mode the
maximum signal that can be measured is ±4 g. Note: Any thresholds set above 4 g will not be reached.
The f_read bit selects between normal and fast-read modes where the auto-increment counter will also skip over the LSB data
bytes when f_read = 1. All of the acceleration data MSB’s can be read out with a single 3-byte burst read starting at the
OUT_X_MSB register when f_read = 1.
NOTE
The f_read bit can only be changed while F_SETUP[f_mode] = 0.
10.1.9
CTRL_REG2 (0x2B) register
Table 31. System Output Data Rate selection
dr2
dr1
dr0
ODR (Hz)
Period (ms)
0
0
0
800.0
1.25
0
0
1
400.0
2.5
0
1
0
200.0
5
0
1
1
100.0
10
100
50.0
20
101
12.5
80
1
1
0
6.25
160
1
1
1
1.5625
640
Table 32. CTRL_REG2 register
st
rst
—
smods[1:0]
slpe
mods[1:0]
000000
Table 33. CTRL_REG2 bit descriptions
Field
Description
st
The st bit activates the accelerometer self-test function. When st is set to 1, a change will occur in the device output levels for
each axis, allowing the host application to check the functionality of the transducer and measurement signal chain.
Self-Test Enable:
0: Self-Test disabled
1: Self-Test enabled.
rst
The rst bit is used to initiate a software reset. The reset mechanism can be enabled in both Standby and Active modes. When the
rst bit is set, the boot mechanism resets all functional block registers and loads the respective internal registers with their default
values. Note that the current revision of FXLS8471Q silicon, as identified by a WHO_AM_I value of 0x6A, has an errata
associated with the software reset mechanism when the device is operated in SPI mode. Refer to Appendix A.1 for further
information and a suggested work-around. After setting the rst bit, the system will automatically transition to Standby mode.
Therefore, if the system was already in Standby mode, the reboot process will immediately begin; else if the system was in Active
mode the boot mechanism will automatically transition the system from Active mode to Standby mode, only then can the reboot
process begin. A system reset can also be initiated by pulsing the external RST pin high.
The I2C and SPI communication systems are also reset to avoid corrupted data transactions. The host application should allow
1 ms between issuing a software (setting rst bit) or hardware (pulsing RST pin) reset and attempting communications with the
device over the I2C or SPI interfaces. When the SPI interface mode is desired and multiple devices are present on the bus, make
sure that the bus is quiet (all slave device MISO pins are high-z) during this 1 ms period to ensure the device does not
inadvertently enter I2C mode. See Section 6.2.3 for further information about the interface mode auto-detection circuit.
At the end of the boot process, the rst bit is hardware cleared.
0: Device reset disabled
1: Device reset enabled.
smods[1:0] Sleep mode power scheme selection. See Table 34 for more information.
slpe(1)
1. When SLPE = 1, a transition between Sleep mode and Wake mode results in a FIFO flush and a reset of internal functional block counters.
All functional block status information is preserved except where otherwise indicated. For further information, refer to the CTRL_REG3 register
description (fifo_gate bit).
Auto-Sleep mode enable:
0: Auto-Sleep is not enabled
1: Auto-Sleep is enabled.
mods[1:0]
Accelerometer OSR selection. This setting, along with the ODR selection determines the Active mode power and RMS noise for
acceleration measurements. See Table 34 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com