Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  FXLS8471Q Datasheet HTML 1Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 2Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 3Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 4Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 5Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 6Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 7Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 8Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
FXLS8471Q
Sensors
2
Freescale Semiconductor, Inc.
Related Documentation
The FXLS8471Q device features and operations are described in a variety of reference manuals, user guides, and application
notes. To find the most-current versions of these documents:
1.
Go to the Freescale homepage at:
http://www.freescale.com/
2.
In the Keyword search box at the top of the page, enter the device number FXLS8471Q.
In the Refine Your Result pane on the left, click on the Documentation link.
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
FXLS8471QR1
-40°C to +85°C
QFN-16
Tape and Reel (1 k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com