Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 13Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 19Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 20Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
17
6.1.1
General I2C operation
There are two signals associated with the I2C bus: the Serial Clock Line (SCL) and the Serial Data line (SDA). The latter is a
bidirectional line used for sending and receiving the data to/from the interface. External pullup resistors connected to VDDIO are
required for SDA and SCL. When the bus is free both the lines are high. The I2C interface is compliant with fast mode (400 kHz),
and normal mode (100 kHz) I2C standards. Operation at frequencies higher than 400 kHz is possible, but depends on several
factors including the pullup resistor values, and total bus capacitance (trace + device capacitance). See Table 8 for more
information.
A transaction on the bus is started through a start condition (ST) signal, which is defined as a HIGH-to-LOW transition on the
data line while the SCL line is held HIGH. After the ST signal has been transmitted by the master, the bus is considered busy.
The next byte of data transmitted contains the slave address in the first seven bits, and the eighth bit, the read/write bit, indicates
whether the master is receiving data from the slave or transmitting data to the slave. When an address is sent, each device in
the system compares the first seven bits after the ST condition with its own address. If they match, the device considers itself
addressed by the master. The 9th clock pulse, following the slave address byte (and each subsequent byte) is the acknowledge
(ACK). The transmitter must release the SDA line during the ACK period. The receiver must then pull the data line low so that it
remains stable low during the high period of the acknowledge clock period.
The number of bytes per transfer is unlimited. If a receiver can't receive another complete byte of data until it has performed some
other function, it can hold the clock line, SCL low to force the transmitter into a wait state. Data transfer only continues when the
receiver is ready for another byte and releases the data line. This delay action is called clock stretching. Not all receiver devices
support clock stretching. Not all master devices recognize clock stretching. This part does not use clock stretching.
A low to high transition on the SDA line while the SCL line is high is defined as a stop condition (SP) signal. A write or burst write
is always terminated by the master issuing the SP signal. A master should properly terminate a read by not acknowledging a byte
at the appropriate time in the protocol. A master may also issue a repeated start signal (SR) during a transfer
The slave addresses that may be assigned to the FXLS8471Q part are 0x1C, 0x1D, 0x1E, or 0x1F. The selection is made through
the logic level of the SA1 and SA0 inputs.
6.1.2
I2C Read/Write operations
Single-byte read
The master (or MCU) transmits a start condition (ST) to the FXLS8471Q, followed by the slave address, with the R/W bit set to
“0” for a write, and the FXLS8471Q sends an acknowledgement. Then the master (or MCU) transmits the address of the register
to read and the FXLS8471Q sends an acknowledgement. The master (or MCU) transmits a repeated start condition (SR), followed
by the slave address with the R/W bit set to “1” for a read from the previously selected register. The FXLS8471Q then
acknowledges and transmits the data from the requested register. The master does not acknowledge (NAK) the transmitted data,
but transmits a stop condition to end the data transfer.
Multiple-byte read
When performing a multi-byte or “burst” read, the FXLS8471Q automatically increments the register address read pointer after
a read command is received. Therefore, after following the steps of a single-byte read, multiple bytes of data can be read from
sequential registers after each FXLS8471Q acknowledgment (AK) is received until a no acknowledge (NAK) occurs from the
master followed by a stop condition (SP) signaling an end of transmission.
Single-byte write
To start a write command, the master transmits a start condition (ST) to the FXLS8471Q, followed by the slave address with the R/
W bit set to “0” for a write, and the FXLS8471Q sends an acknowledgement. Then the master (or MCU) transmits the address of
the register to write to, and the FXLS8471Q sends an acknowledgement. Then the master (or MCU) transmits the 8-bit data to
write to the designated register and the FXLS8471Q sends an acknowledgement that it has received the data. Since this
transmission is complete, the master transmits a stop condition (SP) to end the data transfer. The data sent to the FXLS8471Q
is now stored in the appropriate register.
Table 8. I2C slave address
SA1
SA0
Slave address
0
0
0x1E
01
0x1D
10
0x1C
1
1
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com