Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
FXLS8471Q
Sensors
60
Freescale Semiconductor, Inc.
10.10.3 TRANSIENT_THS (0x1F) register
The TRANSIENT_THS register determines the debounce counter behavior and also sets the transient event detection
threshold.It is possible to use A_FFMT_THS_X/Y/Z MSB and LSB registers to set transient acceleration thresholds for individual
axes using the a_ffmt_trans_ths_en bit in A_FFMT_THS_Y_MSB register.
The tr_ths[6:0] value is a 7-bit unsigned number, with a fixed resolution of 63 mg/LSB corresponding to a ±8 g measurement
range. The resolution does not change with the full-scale range setting made in XYZ_DATA_CFG[fs]. If CTRL_REG1[lnoise] = 1,
the measurement range is fixed at ±4 g, regardless of the settings made in XYZ_DATA_CFG.
10.10.4 TRANSIENT_COUNT (0x20) register
The TRANSIENT_COUNT register sets the minimum number of debounce counts needed to trigger the transient event interrupt
flag when the measured acceleration value exceeds the threshold set in TRANSIENT_THS for any of the enabled axes.
The time step for the transient detection debounce counter is set by the value of the system ODR and power mode as shown in
Table 117.
An ODR of 100 Hz and a TRANSIENT_COUNT value of 15, when accelerometer OSR is set to normal using CTRL_REG2,
would result in minimum debounce response time of 150 ms.
Table 113. TRANSIENT_THS register
tr_dbcntm
tr_ths[6:0]
0
7’b0000000
Table 114. TRANSIENT_THS bit descriptions
Field
Description
tr_dbcntm
Debounce counter mode selection.
0: Decrements debounce counter when the transient event condition is not true during the current ODR period.
1: Clears debounce counter when the transient event condition is not true during the current ODR period.
tr_ths[6:0]
Transient event threshold. This register has a resolution of 63 mg/LSB regardless of the full-scale range setting made in
XYZ_DATA_CFG[fs]. If CTRL_REG1[lnoise] = 1, the maximum acceleration measurement range is ±4 g.
Table 115. TRANSIENT_COUNT register
tr_count[7:0]
8’b00000000
Table 116. TRANSIENT_COUNT bit description
Field
Description
tr_count[7:0)
Transient function debounce count value.
Table 117. TRANSIENT_COUNT relationship with the ODR
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com