Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 8Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 9Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 10Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 11Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 12Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 13Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
FXLS8471Q
Sensors
12
Freescale Semiconductor, Inc.
4
Terminology
4.1
Sensitivity
The sensitivity is represented in LSB/g. In 2-g mode the sensitivity is 4096 LSB/g. In 4-g mode the sensitivity is 2048 LSB/ g and
in 8-g mode the sensitivity is 1024 LSB/g.
4.2
Zero-g Offset
Zero-g Offset describes the deviation of an actual output signal from the ideal output signal if the sensor is stationary. A sensor
stationary on a horizontal surface will measure 0 g in X-axis and 0 g in Y-axis whereas the Z-axis will measure 1 g. A deviation from
ideal value in this case is called Zero-g offset. Offset is to some extent a result of stress on the MEMS sensor and therefore the
offset can slightly change after mounting the sensor onto a printed circuit board or exposing it to extensive mechanical stress.
4.3
Self-Test
Self-Test can be used to verify the transducer functionality without applying an external mechanical stimulus. When Self-Test is
activated, an electrostatic actuation force is applied to the sensor, simulating a small acceleration. In this case, the sensor outputs
will exhibit a change in their DC levels which are related to the selected full scale through the device sensitivity. When Self-Test is
activated, the device output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor
and by the electrostatic self-test force.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com