Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 37Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 38Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 39Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 40Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 41Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 42Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 43Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 44Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
41
10.3
Output data registers
10.3.1
OUT_X_MSB (0x01), OUT_X_LSB (0x02), OUT_Y_MSB (0x03), OUT_Y_LSB (0x04),
OUT_Z_MSB (0x05), OUT_Z_LSB (0x06) registers
These registers contain the X-axis, Y-axis, and Z-axis 14-bit left-justified sample data expressed as 2's complement numbers.
The sample data output registers store the current sample data if the FIFO buffer function is disabled, but if the FIFO buffer
function is enabled the sample data output registers then point to the head of the FIFO buffer which contains up to the previous
32 X, Y, and Z data samples.
The data is read out in the following order: Xmsb, Xlsb, Ymsb, Ylsb, Zmsb, Zlsb for CTRL_REG1[f_read] = 0, and Xmsb, Ymsb,
Zmsb for CTRL_REG1[f_read] = 1. Similarly, for CTRL_REG1[f_read] = 1, only the MSB's of the acceleration data are read out
in the same axis order.
If the CTRL_REG1[f_read] bit is set, auto-increment will skip over the LSB registers. This will shorten the data acquisition from
6 bytes to 3 bytes. If the LSB registers are directly addressed, the LSB information can still be read regardless of the
CTRL_REG1[f_read] register setting.
If the FIFO data output register driver is enabled (F_SETUP[f_mode] > 00), register 0x01 points to the head of the FIFO buffer,
while registers 0x02, 0x03, 0x04, 0x05, 0x06 return a value of zero when read directly.
The DR_STATUS registers, OUT_X_MSB, OUT_X_LSB, OUT_Y_MSB, OUT_Y_LSB, OUT_Z_MSB, and OUT_Z_LSB are
located in the auto-incrementing address range of 0x00 to 0x06, allowing all of the acceleration data to be read in a single-burst
read of 6 bytes starting at the OUT_X_MSB register.
Table 46. OUT_X_MSB register
xd[13:6]
Table 47. OUT_X_LSB register
xd[5:0]
—
—
Table 48. OUT_Y_MSB register
yd[13:6]
Table 49. OUT_Y_LSB register
yd[5:0]
—
—
Table 50. OUT_Z_MSB register
zd[13:6]
Table 51. OUT_Z_LSB register
zd[5:0]
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com