Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 37Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 38Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 39Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 40Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 41Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 42Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
39
10.2
Auto-Sleep trigger
10.2.1
ASLP_COUNT (0x29) register
The ASLP_COUNT register sets the minimum time period of event flag inactivity required to initiate a change from the current
active mode ODR value specified in CTRL_REG1[dr] to the Sleep mode ODR value specified in CTRL_REG1[aslp_rate],
provided that CTRL_REG2[slpe] = 1.
See Table 45 for functional blocks that may be monitored for inactivity in order to trigger the return-to-sleep event.
*
If the fifo_gate bit is set to logic ‘1’, the assertion of the SRC_ASLP interrupt does not prevent the system from transitioning to Sleep or from Wake mode; instead
it prevents the FIFO buffer from accepting new sample data until the host application flushes the FIFO buffer.
The interrupt sources listed in Table 45 affect the auto-sleep, return to sleep and wake from sleep mechanism only if they have
been previously enabled. The functional block event flags that are bypassed while the system is in Auto-Sleep mode are
temporary disabled (see Section 10.1.10, “CTRL_REG3 [Interrupt Control Register] (0x2C) register,” on page 35 for more
information) and are automatically re-enabled when the device returns from Auto-Sleep mode (that is, wakes up), except for the
data ready function.
If any of the interrupt sources listed under the Return-to-Sleep column is asserted before the sleep counter reaches the value
specified in ASLP_COUNT, then all sleep mode transitions are terminated and the internal sleep counter is reset. If none of the
interrupts listed under the Return-to-Sleep column are asserted within the time limit specified by the ASLP_COUNT register, the
system will transition to the Sleep mode and use the ODR value specified in CTRL_REG1[aslp_rate].
Table 42. ASLP_COUNT register
aslp_cnt[7:0]
8’b00000000
Table 43. ASLP_COUNT bit description
Field
Description
aslp_cnt[7:0]
See Table 44 for details
Table 44. ASLP_COUNT relationship with ODR
Output Data Rate (ODR)
Maximum inactivity time (s)
ODR time step (ms)
ASLP_COUNT step (ms)
800
81
1.25
320
400
81
2.5
320
200
81
5
320
100
81
10
320
50
81
20
320
12.5
81
80
320
6.25
81
160
320
1.56
63
640
640
Table 45. Sleep/Wake mode gates and triggers
Interrupt source
Event restarts time and
delays Return-to-Sleep
Event will Wake-from-Sleep
SRC_FIFO
Yes
No
SRC_TRANS
Yes
Yes
SRC_LNDPRT
Yes
Yes
SRC_PULSE
Yes
Yes
SRC_FFMT
Yes
Yes
SRC_ASLP
No*
No*
SRC_AVECM
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com