Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
59
10.10.2 TRANSIENT_SRC (0x1E) register
Transient event flag source register. This register provides the event status of the enabled axes and polarity (directional)
information.
When TRANSIENT_CFG[tran_ele] = 1, the TRANSIENT_SRC event flag(s) and polarity bits are latched when the interrupt event
is triggered, allowing the host application to determine which event flag(s) originally triggered the interrupt. When
TRANSIENT_CFG[tran_ele] = 0, events which occur after the event that originally triggered the interrupt will update the flag and
polarity bits, but once set, the flags can only be cleared by reading the TRANSIENT_SRC register.
Table 111. TRANSIENT_ CFG register
—
tran_ea
tran_zef
tran_zpol
tran_yef
tran_ypol
tran_xef
trans_xpol
0
000
0000
Table 112. TRANSIENT_SRC bit descriptions
Field
Description
tran_ea
Transient event active flag. Default value: 0
0: No transient event active flag has been asserted.
1: One or more transient event active flags has been asserted.
tran_zef
Z-axis transient event active flag. Default value: 0
0: Z-axis event flag is not active.
1: Z-axis event flag is active; Z-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_zpol
Z-axis event flag polarity.
0: Z-axis event was above positive threshold value.
1: Z-axis event was below negative threshold value.
tran_yef
Y-axis transient event active flag. Default value: 0
0: Y-axis event flag is not active.
1: Y-axis event flag is active; Y-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_ypol
Y-axis event flag polarity.
0: Y-axis event was above positive threshold value.
1: Y-axis event was below negative threshold value.
tran_xef
X-axis transient event active flag. Default value: 0
0: X-axis event flag is not active.
1: X-axis event flag is active; X-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_xpol
X-axis event flag polarity.
0: X-axis event was above positive threshold value.
1: X-axis event was below negative threshold value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com