Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 19Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 20Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
FXLS8471Q
Sensors
18
Freescale Semiconductor, Inc.
Multiple-byte write
The FXLS8471Q automatically increments the register address write pointer after a write command is received. Therefore, after
following the steps of a single-byte write, multiple bytes of data can be written to sequential registers after each FXLS8471Q
acknowledgment (ACK) is received.
Figure 6. I2C timing diagram
< Single-byte Read >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
SR
Device Address[6:0]
R
NAK SP
Slave
AK
AK
AK
Data[7:0]
< Multiple-byte Read >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
SR Device Address[6:0]
R
AK
Slave
AK
AK
AK
Data[7:0]
Master
AK
AK
NAK
SP
Slave
Data[7:0]
Data[7:0]
Data[7:0]
< Multiple-byte Write >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
Data[7:0]
Data[7:0]
SP
Slave
AK
AK
AK
AK
< Single-byte Write >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
Data[7:0]
SP
Slave
AK
AK
AK
Legend
ST: Start Condition
SP: Stop Condition
NAK: No Acknowledge
W: Write = 0
SR: Repeated Start Condition
AK: Acknowledge
R: Read = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com