Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 44Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
FXLS8471Q
Sensors
48
Freescale Semiconductor, Inc.
10.7.4
PL_BF_ZCOMP (0x13) register
Back/Front and Z-tilt angle compensation register
Table 66. PL_BF_ZCOMP register
bkfr[1:0]
—
—
—
zlock[2:0]
2’b10
0
0
0
3’b100
Table 67. PL_BF_ZCOMP bit descriptions
Field
Description
zlock[2:0]
Z-lock angle threshold. range is from approximately 13° to 44°. Step size is approximately 4°. See Table 68 for more information.
Default value: 0x04
→ ∼28°.
Maximum value: 0x07
→ ~44°.
bkfr[1:0]
Back/front trip angle threshold. See Table 69 for more information.
Default: 2’b10
→ ±70°. Step size is 5°.
Range: ±(65° to 80°).
Table 68. Z-lockout angle definitions
zlock
Resultant angle (min) for positions
between Landscape and Portrait
Resultant angle (max) for
ideal Landscape or Portrait
0x00
13.6°
14.5°
0x01
17.1°
18.2°
0x02
20.7°
22.0°
0x03
24.4°
25.9°
0x04
28.1°
30.0°
0x05
32.0°
34.2°
0x06
36.1°
38.7°
0x07
40.4°
43.4°
Table 69. Back/Front orientation definitions
bkfr
Back
→ Front Transition
Front
→ Back Transition
00
Z < 80° or Z > 280°
Z > 100° and Z < 260°
01
Z < 75° or Z > 285°
Z > 105° and Z < 255°
10
Z < 70° or Z > 290°
Z > 110° and Z < 250°
11
Z < 65° or Z > 295°
Z > 115° and Z < 245°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com