Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 19Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 20Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 22Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
19
6.2
SPI Interface characteristics
SPI interface is a classical master/slave serial port. The FXLS8471Q is always considered as the slave and thus is never initiating
the communication.
Table 9 and Figure 7 describe the timing requirements for the SPI system.
Figure 7. SPI Timing Diagram
6.2.1
General SPI operation
The CS_B pin is driven low at the start of a SPI transaction, held low for the duration of the transaction, and driven high after the
transaction is complete. During a transaction the master toggles the SPI clock (SCLK) and transmits data on the MOSI pin.
A write operation is initiated by transmitting a 1 for the R/W bit. Then the 8-bit register address, ADDR[7:0] is encoded in the first
and second serialized bytes. Data to be written starts in the third serialized byte. The order of the bits is as follows:
Byte 0: R/W,ADDR[6],ADDR[5],ADDR[4],ADDR[3],ADDR[2],ADDR[1],ADDR[0],
Byte 1: ADDR[7],X,X,X,X,X,X,X,
Byte 2: DATA[7],DATA[6],DATA[5],DATA[4],DATA[3],DATA[2],DATA[1],DATA[0].
Multiple bytes of DATA may be transmitted. The X indicates a bit that is ignored by the part. The register address is auto-
incremented so that the next clock edges will latch the data for the next register. When desired, the rising edge on CS_B stops
the SPI communication.
The FXLS8471Q SPI configuration is as follows:
•
Polarity: rising/falling
•
Phase: sample/setup
•
Order: MSB first
Data is sampled during the rising edge of SCLK and set up during the falling edge of SCLK.
Table 9. SPI timing
Function
Symbol
Min
Max
Unit
Operating Frequency
Of
—
1
MHz
SCLK Period
tSCLK
1000
—
ns
SCLK High time
tCLKH
500
—
ns
SCLK Low time
tCLKL
500
—
ns
CS_B lead time
tSCS
65
—
ns
CS_B lag time
tHCS
65
—
ns
MOSI data setup time
tSET
25
—
ns
MOSI data hold time
tHOLD
75
—
ns
MISO data valid (after SCLK low edge)
tDDLY
—
500
ns
Width CS High
tWCS
100
—
ns
CS_B
SCLK
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com