Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 45Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
49
10.7.5
PL_THS_REG (0x14) register
Portrait to landscape trip threshold registers.
10.8
Freefall and Motion detection
The Freefall/Motion detection block can be configured to detect low-g (freefall) or high-g (motion) events utilizing the
A_FFMT_CFG[a_ffmt_oae] bit.
In low-g detect mode (A_FFMT_CFG[a_ffmt_oae] = 0) a low-g condition will need to occur on all enabled axes (ex. X, Y and Z)
for the A_FFMT_SRC[a_ffmt_ea] bit to be affected. And, in high-g detect mode (A_FFMT_CFG[a_ffmt_oae] = 1) a high-g
condition occurring in any of the enabled axes (ex. X, Y or Z) will suffice to affect the A_FFMT_SRC[a_ffmt_ea] bit.
The detection threshold(s) are programed in register 0x17 (A_FFMT_THS) for common threshold operation, and 0x73-0x78
(A_FFMT_THS_X/Y/Z) for individual axis threshold operation.
A_FFMT_CFG[a_ffmt_ele] bit determines the behavior of A_FFMT_SRC[a_ffmt_ea] bit in response to the desired acceleration
event (low-g/high-g). When A_FFMT_CFG[a_ffmt_ele] = 1, the freefall or motion event is latched and the
Table 70. PL_THS_REG register
pl_ths[4:0]
hys[2:0]
5’b01000
3’b100
Table 71. Threshold angle lookup table
pl_ths[4:0] value
Threshold angle (approx.)
0x07
15°
0x09
20°
0x0C
30°
0x0D
35°
0x0F
40°
0x10
45°
0x13
55°
0x14
60°
0x17
70°
0x19
75°
Table 72. Trip angles versus hysteresis settings
hys[2:0] value
Landscape to Portrait trip angle
Portrait to Landscape trip angle
0
45°
45°
1
49°
41°
2
52°
38°
3
56°
34°
4
59°
31°
5
62°
28°
6
66°
24°
7
69°
21°
Table 73. Portrait/Landscape ideal orientation definitions
Position
Description
PU
y ~ -1 g, x ~ 0
PD
y ~ +1 g, x ~ 0
LR
y ~ 0, x ~ +1 g
LL
y ~ 0, x ~ -1 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com