Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 4Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 5Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 6Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 7Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 8Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 9Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 10Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 11Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
FXLS8471Q
Sensors
8
Freescale Semiconductor, Inc.
2.2
Orientation
Figure 4. Component axes orientation and response to gravity stimulus
Top view
Pin 1
Side view
TOP
BOTTOM
+X
+Y
+Z
1
Top view
Xout @ 0g
Earth Gravity
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ 0g
Yout @ 0g
Zout @ 1g
Xout @ 0g
Yout @ 0g
Zout @ -1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com