Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 67Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 68Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 69Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 70Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 71Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 72Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 73Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 74Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 75Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
FXLS8471Q
Sensors
72
Freescale Semiconductor, Inc.
CASE 2077-02
ISSUE A
16-LEAD QFN
Table 147. Package dimensions (mm)
Symbol
Description
Min
Typ
Max
A
Package width
2.9
3
3.1
B
Package length
2.9
3
3.1
C
Package thickness
0.9
0.98
1
C1
Lead finger (pad) seating height
0
—
0.05
D
Lead finger (pad) width
0.18
0.25
0.30
E
Lead length
0.367
0.467
0.567
F
Lead finger-finger (pad-pad) pitch
—
0.5
—
G
Package edge to inner edge of lead
0.467
0.567
0.667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com