Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 11Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 12Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 13Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
15
5.3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 5. Maximum ratings
Rating
Symbol
Value
Unit
Maximum acceleration (all axes, 100
μs)
gmax
5,000
g
Supply voltage, IO voltage
VDDmax/
VDDIOmax
-0.3 to +3.6
V
Input voltage on any control pin (SA0/MISO, SA1/CS_B, SCL/SCLK, SDA/MOSI, RST)
VINmax
-0.3 to VDDIO + 0.3
V
Drop-Test height
Ddrop
1.8
m
Storage temperature range
TSTG
-40 to +125
°C
Table 6. ESD and latchup protection characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latchup current at T = 85°C
ILU
±100
mA
This device is sensitive to mechanical shock. Improper handling can cause permanent damage to the part or
cause the part to otherwise fail.
This device is sensitive to ESD, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com