Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
FXLS8471Q
Sensors
52
Freescale Semiconductor, Inc.
10.8.3
A_FFMT_THS (0x17), A_FFMT_ THS_X_MSB (0x73), A_FFMT_THS_X_LSB (0x74),
A_FFMT_THS_Y_MSB (0x75), A_FFMT_THS_Y_LSB (0x76), A_FFMT_THS_Z_MSB
(0x77), A_FFMT_THS_Z_LSB (0x78) registers
Freefall/motion detection threshold registers.
Table 78. A_FFMT_THS (0x17) register
a_ffmt_dbcntm
ths[6:0]
0
7’b0000000
Table 79. A_FFMT_THS (0x17) bit descriptions
Field
Description
a_ffmt_dbcntm
The ASIC uses a_ffmt_dbcntm to set the acceleration FFMT debounce counter clear mode independent of the value of
the a_ffmt_ths_xyz_en.
a_ffmt_dbcntm bit configures the way in which the debounce counter is reset when the inertial event of interest is
momentarily not true.
When a_ffmt_dbcntm bit is a logic ‘1’, the debounce counter is cleared to 0 whenever the inertial event of interest is no
longer true (part b, Figure 17) while if the a_ffmt_dbcntm bit is set to logic ‘0’ the debounce counter is decremented by 1
whenever the inertial event of interest in longer true
(part c, Figure 17) until the debounce counter reaches 0 or the inertial event of interest become active.
The decrementing of the debounce counter acts to filter out irregular spurious events which might impede the correct
detection of inertial events.
ths[6:0]
Freefall/motion detection threshold: default value: 7’b0000000. Resolution is fixed at 63 mg/LSB.
Table 80. A_FFMT_THS_X_MSB (0x73) register
a_ffmt_ths_xyz_en
a_ffmt_ths_x[12:6]
0
7’b0000000
Table 81. A_FFMT_THS_X_MSB (0x73) bit descriptions
Field
Description
a_ffmt_ths_xyz_en
For a_ffmt_ths_xyz_en = 0 the ASIC uses the ffmt_ths[6:0] value located in register x17[6:0] as a common threshold
for the X, Y, and Z-axis acceleration detection. The common unsigned 7-bit acceleration threshold has a fixed
resolution of 63 mg/LSB, with a range of 0-127 counts.
For a_ffmt_ths_xyz_en = 1 the ASIC ignores the common 7-bit G_FFMT_THS value located in register x17 when
executing the FFMT function, and the following independent threshold values are used for each axis:
A_FFMT_THS_X_MSB and A_FFMT_THS_X_LSB are used for the X-axis acceleration threshold,
A_FFMT_THS_Y_MSB and A_FFMT_THS_Y_LSB for the Y-axis acceleration threshold,
A_FFMT_THS_Z_MSB and A_FFMT_THS_Z_LSB for the Z-axis acceleration threshold.
The A_FFMT_THS_X/Y/Z thresholds are 13-bit unsigned values that have the same resolution as the accelerometer
output data determined by XYZ_DATA_CFG fs [1:0]. The a_ffmt_ths_xyz_en and a_ffmt_trans_ths_en bits must not
be enabled simultaneously.
a_ffmt_ths_x[12:6]
7-bit MSB of X-axis acceleration threshold
Table 82. A_FFMT_THS_X_LSB (0x74) register
a_ffmt_ths_x[5:0]
—
—
6’b000000
0
0
Table 83. A_FFMT_THS_Y_MSB (0x75) register
a_ffmt_trans_ths_en
a_ffmt_ths_y[12:6]
0
7’b0000000
Table 84. A_FFMT_THS_Y_LSB (0x76) register
a_ffmt_ths_y[5:0]
—
—
6’b000000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com