Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 10Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 11Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 12Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 13Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 17Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
FXLS8471Q
Sensors
14
Freescale Semiconductor, Inc.
5.2
Electrical characteristics
Table 3. Electrical characteristics @ VDD = 2.5 V, VDDIO = 1.8 V T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
1.95
2.5
3.6
V
Interface supply voltage
VDDIO
1.62
1.8
3.6
V
Low-power acceleration mode
ODR = 12.5 Hz
IddACC-LPM
8
µA
ODR = 100 Hz
35
ODR = 400 Hz
130
Normal acceleration mode
ODR = 50 Hz
IddACC-NM
35
µA
ODR = 200 Hz
130
ODR = 800 Hz
240
Current during boot sequence, 0.9 mS max duration
using recommended regulator bypass capacitor
VDD = 2.5 V
IddBOOT
3mA
Value of capacitor on BYP pin
-40°C to 85°C
CBYP
75
100
470
nF
Standby mode current @ 25°C
Standby mode
IddSTBY
2µA
Standby mode current over-temperature range
Standby mode
IddSTBY
10
µA
Digital high-level input voltage RST pin
VIHRST
1.04
V
Digital low-level input voltage RST pin
VILRST
0.68
V
Digital high-level input voltage
SCL, SDA, SA0, SA1
VIH
0.75*VDDIO
V
Digital low-level input voltage
SCL, SDA, SA0, SA1
VIL
0.3*VDDIO
V
High-level output voltage
INT1, INT2
IO = 500 µA
VOH
0.9*VDDIO
V
Low-level output voltage
INT1, INT2
IO = 500 µA
VOL
0.1*VDDIO
V
Low-level output voltage
SDA
IO = 500 µA
VOLSDA
0.1*VDDIO
V
SCL, SDA pin leakage
25°C
1.0
nA
-40°C to 85°C
4.0
SCL, SDA pin capacitance
3pf
VDD rise time
0.001
1000
ms
Boot time(1)
1. Time from VDDIO on and VDD > VDD min until I2C/SPI interface ready for operation.
TBOOT
1000
µs
Turn-on time 1(2)
2. Time to obtain valid data from power-down mode to Active mode.
TPOR→ACT
2/ODR + 2
ms
Turn-on time 2(3)
3. Time to obtain valid data from Standby mode to Active mode.
TSTBY→ACT
2/ODR + 1
ms
Operating temperature range
TOP
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com