Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  FXLS8471Q Datasheet HTML 1Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 2Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 3Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 4Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 5Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 6Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 7Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 8Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
Freescale Semiconductor
Document Number: FXLS8471Q
Data Sheet: Technical Data
Rev. 1.5, 06/2015
An Energy-Efficient Solution by Freescale
© 2013-2015 Freescale Semiconductor, Inc. All rights reserved.
FXLS8471Q, 3-Axis,
Linear Accelerometer
FXLS8471Q is a small, low-power, 3-axis, linear accelerometer in a
3 mm x 3 mm x 1 mm QFN package. FXLS8471Q has dynamically selectable
acceleration full-scale ranges of ±2 g/±4 g/±8 g and 14 bits of resolution.
Output data rates (ODR) are programmable from 1.563 Hz to 800 Hz. I2C and
SPI serial digital interfaces are provided along with several user
programmable event detection functions that can be used to reduce the overall
system power consumption by off-loading the host processor. FXLS8471Q is
guaranteed to operate over the extended temperature range of -40 °C to
+85 °C.
Features
•
1.95 V to 3.6 V VDD supply voltage, 1.62 V to 3.6 V VDDIO voltage
•±2 g/±4 g/±8 g dynamically selectable acceleration full-scale ranges
•
Output Data Rates (ODR) from 1.563 Hz to 800 Hz
•
Low noise: typically 99
μg/Hz in low-noise mode @ 200-Hz bandwidth
•
14-bit ADC resolution: 0.244 mg/LSB in ±2 g, full-scale range
•
Embedded programmable acceleration event functions:
—
Freefall and Motion Detection
—
Transient Detection
—
Vector-Magnitude Change Detection
—
Pulse and Tap Detection (Single and Double)
—
Orientation Detection (Portrait/Landscape)
•
Programmable automatic ODR change using Auto-Wake and return to
Sleep functions to save power.
•
192-byte FIFO buffer, capable of storing up to 32 samples of X/Y/Z data
•
Supports 4-wire SPI interface at up to 1 MHz; I2C Normal (100 kHz) and
Fast Modes (400 kHz)
•
Integrated accelerometer self-test function
Target Markets
•
Industrial applications: vibration analysis, machine health monitoring, and platform stabilization
•
Smartphones, tablets, digital cameras, and personal navigation devices
•
Medical applications: patient monitoring, fall detection, and rehabilitation
Applications
•
Shock and vibration monitoring (mechatronic compensation, shipping, and warranty usage logging)
•
User interface (menu scrolling by orientation change, tap detection for button replacement)
•
Orientation detection (portrait/landscape: up/down, left/right, back/front position identification)
•
Gaming and real-time activity analysis (pedometry, freefall and drop detection for hard disk drives and other devices)
•
Power management for mobile devices using inertial event detection
1
VDDIO
6
2
3
4
5
13
12
11
10
9
78
16
15
14
BYP
Reserved
SCL/SCLK
GND
Reserved
GND
INT1
SA1/CS_B
INT2
16 LEAD QFN
3 mm x 3 mm x 1 mm
FXLS8471Q
Top View
Pin Connections
FXLS8471Q
FX
LS
84
71
Q


Similar Part No. - FXLS8471Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS8471Q NXP-FXLS8471Q Datasheet
1Mb / 86P
3-Axis, Linear Accelerometer
Rev. 3.0 - 13 June 2019
More results

Similar Description - FXLS8471Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ Datasheet
120Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS2L01 STMICROELECTRONICS-LIS2L01 Datasheet
69Kb / 6P
INERTIAL SENSOR : 2Axis/1g LINEAR ACCELEROMETER
Apr-2002
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
Nov-2004
AN2381 STMICROELECTRONICS-AN2381 Datasheet
736Kb / 47P
low voltage linear accelerometer
15-Jun-2006
AN2960 STMICROELECTRONICS-AN2960 Datasheet
452Kb / 41P
ultra compact linear accelerometer
12-Jun-2009
logo
TE Connectivity Ltd
810M1 TEC-810M1 Datasheet
158Kb / 3P
Piezoelectric Linear Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
Piezoelectric Linear Accelerometer
logo
NXP Semiconductors
FXLS8471Q NXP-FXLS8471Q Datasheet
1Mb / 86P
3-Axis, Linear Accelerometer
Rev. 3.0 - 13 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com