Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
29
10.1.3
F_STATUS (0x00) register
FIFO Status when F_SETUP[f_mode] = 0x00 > 0x00.
If the FIFO subsystem data output register driver is enabled, the status register indicates the current status information of the
FIFO subsystem.
The f_ovf and f_wmrk_flag flags remain asserted while the event source is still active, but the user can clear the FIFO interrupt
bit in the interrupt source register (INT_SOURCE) by reading the F_STATUS register. In this case, the INT_SOURCE[src_fifo]
bit will be set again when the next data sample enters the FIFO.
Therefore the f_ovf bit will remain asserted while the FIFO has overflowed and the f_wmrk_flag bit will remain asserted while the
f_cnt value is equal to or greater than then f_wmrk value.
zyxdr
zyxdr signals that a new acquisition for any of the enabled channels is available. zyxdr is cleared when the high-bytes of the
acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) are read.
X, Y, Z-axis new data ready.
0: No new set of data ready
1: New set of data is ready
zdr
zdr is set to 1 whenever a new Z-axis data acquisition is completed. zdr is cleared anytime the OUT_Z_MSB register is read.
Z-axis new data available.
0: No new Z-axis data is ready
1: New Z-axis data is ready
ydr
ydr is set to 1 whenever a new Y-axis data acquisition is completed. ydr is cleared anytime the OUT_Y_MSB register is read.
Y-axis new data available. Default value: 0
0: No new Y-axis data ready
1: New Y-axis data is ready
xdr
xdr is set to 1 whenever a new X-axis data acquisition is completed. xdr is cleared anytime the OUT_X_MSB register is read.
X-axis new data available. Default value: 0
0: No new X-axis data ready
1: New X-axis data is ready
Table 18. F_STATUS register
f_ovf
f_wmrk_flag
f_cnt[5:0]
00
0
Table 19. FIFO flag event descriptions
f_ovf
f_wmrk_flag
Event description
0
X
No FIFO overflow events detected.
1
X
FIFO overflow event detected.
X
0
No FIFO watermark event detected.
X1
A FIFO Watermark event was detected indicating that a FIFO sample count greater than watermark
value has been reached.
If F_SETUP[f_mode] = 2’b11, a FIFO trigger event was detected
Table 20. FIFO sample count bit description
Field
Description
f_cnt[5:0]
These bits indicate the number of acceleration samples currently stored in the FIFO buffer. Count 6’b000000 indicates
that the FIFO is empty.
FIFO sample counter. Default value 6’b000000.
(6’b000001 to 6’b100000 indicates 1 to 32 samples stored in FIFO
Table 17. DR_STATUS description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com