Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 65Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
FXLS8471Q
Sensors
62
Freescale Semiconductor, Inc.
10.11.2
PULSE_SRC (0x22) register
This register indicates the status bits for the pulse detection function.
10.11.3
PULSE_THSX (0x23) register
The PULSE_THSX, PULSE_THSY and PULSE_THSZ registers define the thresholds used by the system to start the pulse-
event detection procedure. Threshold values for each axis are unsigned 7-bit numbers with a fixed resolution of 0.063 g/LSB,
corresponding to an 8 g acceleration full-scale range. The full-scale range is fixed at 8 g for the pulse detection function,
regardless of the settings made in XYZ_DATA_CFG[fs].
Table 120. PULSE_SRC register
pls_src_ea
pls_src_axz
pls_src_axy
pls_src_axx
pls_src_dpe
pls_src_polz
pls_src_poly
pls_src_polx
Table 121. PULSE_SRC bit descriptions
Field
Description
pls_src_ea
Event active flag.
0: No interrupt has been generated
1: One or more interrupt events have been generated
pls_src_axz
Z-axis event flag.
0: No interrupt.
1: Z-axis event has occurred
pls_src_axy
Y-axis event flag.
0: No interrupt.
1: Y-axis event has occurred
pls_src_axx
X-axis event flag.
0: No interrupt.
1: X-axis event has occurred.
pls_src_dpe
Double pulse on first event.
0: Single-pulse event triggered interrupt.
1: Double-pulse event triggered interrupt.
pls_src_polz
Pulse polarity of Z-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
pls_src_poly
Pulse polarity of Y-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
pls_src_polx
Pulse polarity of X-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
Table 122. PULSE_THSX register
—
pls_thsx[6:0]
0
7’b0000000
Table 123. PULSE_THSX bit description
Field
Description
pls_thsx[6:0]
Pulse threshold for X-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com