Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 12Page - Texas Instruments TAS5731MPHPR Datasheet HTML 13Page - Texas Instruments TAS5731MPHPR Datasheet HTML 14Page - Texas Instruments TAS5731MPHPR Datasheet HTML 15Page - Texas Instruments TAS5731MPHPR Datasheet HTML 16Page - Texas Instruments TAS5731MPHPR Datasheet HTML 17Page - Texas Instruments TAS5731MPHPR Datasheet HTML 18Page - Texas Instruments TAS5731MPHPR Datasheet HTML 19Page - Texas Instruments TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C006
2.0 BTL Mode
PV
DD = 12V
P
O = 1W
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C007
2.0 BTL Mode
PV
DD = 18V
P
O = 1W
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C003
2.0 BTL Mode
PV
DD = 18V
f = 1kHz
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C004
2.0 BTL Mode
PV
DD = 24V
f = 1kHz
T
A = 25ƒC
0
5
10
15
20
25
30
35
40
45
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 8ŸTHD+N = 1%
RL = 8ŸTHD+N = 10%
RL = 6ŸTHD+N = 1%
RL = 6ŸTHD+N = 10%
RL = 4ŸTHD+N = 1%
RL = 4ŸTHD+N = 10%
C001
2.0 BTL Mode
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C002
2.0 BTL Mode
PV
DD = 12V
f = 1kHz
T
A = 25ƒC
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
7.14.2 Typical Characteristics, 2.0 BTL Configuration, 8
Ω
Figure 18. Output Power vs Supply Voltage (2.0 BTL Mode)
Figure 19. Total Harmonic Distortion + Noise vs Output
Power (2.0 BTL Mode)
With 4
ω Load on Typical 2 Layer PCB Device May Be
Thermally Limited Above 20 V
Figure 20. Total Harmonic Distortion + Noise vs Output
Figure 21. Total Harmonic Distortion + Noise vs Output
Power (2.0 BTL Mode)
Power (2.0 BTL Mode)
Figure 22. Total Harmonic Distortion vs Frequency (2.0
Figure 23. Total Harmonic Distortion vs Frequency (2.0
BTL Mode)
BTL Mode)
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com