Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 15Page - Texas Instruments TAS5731MPHPR Datasheet HTML 16Page - Texas Instruments TAS5731MPHPR Datasheet HTML 17Page - Texas Instruments TAS5731MPHPR Datasheet HTML 18Page - Texas Instruments TAS5731MPHPR Datasheet HTML 19Page - Texas Instruments TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments TAS5731MPHPR Datasheet HTML 22Page - Texas Instruments TAS5731MPHPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2
Ÿ
RL = 4
Ÿ
RL = 6
Ÿ
C037
PBTL Mode
P
O = 1W
PV
DD = 12V
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2
Ÿ
RL = 4
Ÿ
RL = 6
Ÿ
C038
PBTL Mode
P
O = 1W
PV
DD = 18V
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C033
PBTL Mode
PV
DD = 18V
f = 1kHz
T
A = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C029
PBTL Mode
PV
DD = 24V
f = 1kHz
T
A = 25°C
0
10
20
30
40
50
60
70
80
90
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4ŸTHD+N = 1%
RL = 4ŸTHD+N = 10%
RL = 2ŸTHD+N = 1%
RL = 2ŸTHD+N = 10%
C031
PBTL Mode
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C032
PBTL Mode
PV
DD = 12V
f = 1kHz
T
A = 25°C
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
7.14.3 Typical Characteristics, PBTL Configuration, 8
Ω
Figure 32. Output Power vs Supply Voltage (PBTL Mode)
Figure 33. Total Harmonic Distortion + Noise vs Output
Power (PBTL Mode)
With 2
ω Load on Typical 2 Layer PCB, Device May Be
Thermally Limited Above 20 V
Figure 34. Total Harmonic Distortion + Noise vs Output
Figure 35. Total Harmonic Distortion + Noise vs Output
Power (PBTL Mode)
Power (PBTL Mode)
Figure 36. Total Harmonic Distortion vs Frequency (PBTL
Figure 37. Total Harmonic Distortion vs Frequency (PBTL
Mode)
Mode)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com