Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 67Page - Texas Instruments TAS5731MPHPR Datasheet HTML 68Page - Texas Instruments TAS5731MPHPR Datasheet HTML 69Page - Texas Instruments TAS5731MPHPR Datasheet HTML 70Page - Texas Instruments TAS5731MPHPR Datasheet HTML 71Page - Texas Instruments TAS5731MPHPR Datasheet HTML 72Page - Texas Instruments TAS5731MPHPR Datasheet HTML 73Page - Texas Instruments TAS5731MPHPR Datasheet HTML 74Page - Texas Instruments TAS5731MPHPR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
0O
18.2KO
ASEL/FAULT
MCLK
PDN
SCLK
LRCLK
SDIN
SCL
SDA
RESET
AVDD
PVDD
PVDD
Top Layer Ground Plane
Pad to Top Layer Ground Plane
Via to Bottom Ground Plane
Top Layer Traces
Bottom Layer Traces
Via to Bottom Layer
TAS5731M
220µF
10nF
0.1µF
0.1µF
220µF
10nF
10nF
1
48
10nF
2200pF
(Max)
4700p
470O
47nF
4700p
470O
47nF
0.1µF
10µF
0.1µF
4.7µF
0.1µF
0.1µF
3.3pF
18O
3.3pF
18O
3.3pF
3.3pF
15µH
0.68µF
15µH
0.68µF
1KO
18O
18O
Decoupling capacitors
placed as close as
possible of the device
Several vias connecting
Top and bottom ground
planes for enhanced
thermal performance
Solid GND plane for low
impedance return path
Short traces on
bootstrap capacitors
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Layout Examples (continued)
Figure 74. Mono PBTL Mode
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com