Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 49Page - Texas Instruments TAS5731MPHPR Datasheet HTML 50Page - Texas Instruments TAS5731MPHPR Datasheet HTML 51Page - Texas Instruments TAS5731MPHPR Datasheet HTML 52Page - Texas Instruments TAS5731MPHPR Datasheet HTML 53Page - Texas Instruments TAS5731MPHPR Datasheet HTML 54Page - Texas Instruments TAS5731MPHPR Datasheet HTML 55Page - Texas Instruments TAS5731MPHPR Datasheet HTML 56Page - Texas Instruments TAS5731MPHPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
9.6.14 Oscillator Trim Register (0x1B)
The TAS5731M PWM processor contains an internal oscillator to support autodetect of I2S clock rates. This
reduces system cost because an external reference is not required. Currently, TI recommends a reference
resistor value of 18.2 k
Ω (1%). This must be connected between OSC_RES and DVSSO.
Writing 0x00 to register 0x1B enables the trim that was programmed at the factory.
NOTE
Trim must always be run following reset of the device.
Table 17. Oscillator Trim Register (0x1B)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved(1)
–
0
–
–
–
–
–
–
Oscillator trim not done (read-only) (1)
–
1
–
–
–
–
–
–
Oscillator trim done (read only)
–
–
0
0
0
0
–
–
Reserved(1)
–
–
–
–
–
–
0
–
Select factory trim (Write a 0 to select factory trim; default is 1.)
–
–
–
–
–
–
1
–
Factory trim disabled(1)
–
–
–
–
–
–
–
0
Reserved(1)
(1)
Default values are in bold.
9.6.15 BKND_ERR Register (0x1C)
When a back-end error signal is received from the internal power stage, the power stage is reset stopping all
PWM activity. Subsequently, the modulator waits approximately for the time listed in Table 18 before attempting
to re-start the power stage.
Table 18. BKND_ERR Register (0x1C)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
X
Reserved
–
–
–
–
0
0
1
0
Set back-end reset period to 299 ms(2)
–
–
–
–
0
0
1
1
Set back-end reset period to 449 ms
–
–
–
–
0
1
0
0
Set back-end reset period to 598 ms
–
–
–
–
0
1
0
1
Set back-end reset period to 748 ms
–
–
–
–
0
1
1
0
Set back-end reset period to 898 ms
–
–
–
–
0
1
1
1
Set back-end reset period to 1047 ms
–
–
–
–
1
0
0
0
Set back-end reset period to 1197 ms
–
–
–
–
1
0
0
1
Set back-end reset period to 1346 ms
–
–
–
–
1
0
1
X
Set back-end reset period to 1496 ms
–
–
–
–
1
1
X
X
Set back-end reset period to 1496 ms
(1)
This register can be written only with a "non-Reserved" value. Also this register can be written once after the reset.
(2)
Default values are in bold.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com