Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 16Page - Texas Instruments TAS5731MPHPR Datasheet HTML 17Page - Texas Instruments TAS5731MPHPR Datasheet HTML 18Page - Texas Instruments TAS5731MPHPR Datasheet HTML 19Page - Texas Instruments TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments TAS5731MPHPR Datasheet HTML 22Page - Texas Instruments TAS5731MPHPR Datasheet HTML 23Page - Texas Instruments TAS5731MPHPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
0
20
40
60
80
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C036
PBTL Mode
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C034
PBTL Mode
R
L = 6Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2 Layer Continuous Power
4 Layer Continuous Power
Instantaneous Power
C039
PBTL Mode
R
L = 4Ÿ
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2
Ÿ
RL = 4
Ÿ
RL = 6
Ÿ
C041
PBTL Mode
P
O = 1W
PV
DD = 24V
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C035
PBTL Mode
R
L = 4Ÿ
T
A = 25ƒC
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics, PBTL Configuration, 8
Ω (continued)
Figure 38. Total Harmonic Distortion vs Frequency (PBTL
Figure 39. Efficiency vs Output Power (PBTL Mode)
Mode)
Figure 40. Efficiency vs Output Power (PBTL Mode)
Figure 41. Power vs Supply Voltage (PBTL Mode)
Figure 42. Idle Channel Noise vs Supply Voltage (PBTL Mode)
20
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com