Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 54Page - Texas Instruments TAS5731MPHPR Datasheet HTML 55Page - Texas Instruments TAS5731MPHPR Datasheet HTML 56Page - Texas Instruments TAS5731MPHPR Datasheet HTML 57Page - Texas Instruments TAS5731MPHPR Datasheet HTML 58Page - Texas Instruments TAS5731MPHPR Datasheet HTML 59Page - Texas Instruments TAS5731MPHPR Datasheet HTML 60Page - Texas Instruments TAS5731MPHPR Datasheet HTML 61Page - Texas Instruments TAS5731MPHPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Table 23. Bank Switching Command Register (0x50) (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
EQ ON
1
–
–
–
–
–
–
–
EQ OFF (bypass BQ 0-7 of channels 1 and 2)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Ignore bank-mapping in bits D31–D8.Use default mapping. (1)
1
Use bank-mapping in bits D31–D8.
–
–
–
0
–
–
–
–
L and R can be written independently. (1)
L and R are ganged for EQ biquads; a write to left-channel BQ is also
–
–
–
1
–
–
–
–
written to right-channel BQ. (0x29–0x2F is ganged to 0x30–0x36.Also
0x58–0x59 is ganged to 0x5C–0x5D)
–
–
–
–
0
–
–
–
Reserved(1)
–
–
–
–
–
0
0
0
No bank switching. All updates to DAP (1)
–
–
–
–
–
0
0
1
Configure bank 1 (32 kHz by default)
–
–
–
–
–
0
1
0
Configure bank 2 (44.1/48 kHz by default)
–
–
–
–
–
0
1
1
Configure bank 3 (other sample rates by default)
–
–
–
–
–
1
0
0
Automatic bank selection
–
–
–
–
–
1
0
1
Reserved
–
–
–
–
–
1
1
X
Reserved
58
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com