Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 3Page - Texas Instruments TAS5731MPHPR Datasheet HTML 4Page - Texas Instruments TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments TAS5731MPHPR Datasheet HTML 10Page - Texas Instruments TAS5731MPHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Digital/analog supply voltage
DVDD, AVDD
3
3.3
3.6
V
Half-bridge supply voltage
PVDD_x
8
26.4(1)
V
VIH
High-level input voltage
5-V tolerant
2
V
VIL
Low-level input voltage
5-V tolerant
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
(2)
Operating junction temperature range
0
125
°C
RL (PBTL)
Load impedance
Output filter: L = 15
μH, C = 680 nF
2
Ω
RL (BTL)
Load impedance
Output filter: L = 15
μH, C = 680 nF
4
Ω
RL (SE)
Load impedance
Output filter: L = 15
μH, C = 680 nF
2
Ω
Minimum output inductance under short-
LO
Output-filter inductance
10
μH
circuit condition
(1)
For operation at PVDD_x levels greater than 18 V, the modulation limit must be set to 93.8% through the control port register 0x10.
(2)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
7.4 Thermal Information
TAS5731M
THERMAL METRIC(1)
PHP (HTQFP)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
27.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.1
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
20.7
°C/W
ψJB
Junction-to-board characterization parameter
0.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 PWM Operation at Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
VALUE
UNIT
11.025/22.05/44.1-kHz data rate ±2%
352.8
Output PWM switch frequency
kHz
48/24/12/8/16/32-kHz data rate ±2%
384
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com