Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 19Page - Texas Instruments TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments TAS5731MPHPR Datasheet HTML 22Page - Texas Instruments TAS5731MPHPR Datasheet HTML 23Page - Texas Instruments TAS5731MPHPR Datasheet HTML 24Page - Texas Instruments TAS5731MPHPR Datasheet HTML 25Page - Texas Instruments TAS5731MPHPR Datasheet HTML 26Page - Texas Instruments TAS5731MPHPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
+
L
R
+
+
+
+
+
Vol1
Vol2
ealpha
1BQ
1BQ
1BQ
1BQ
6BQ
6BQ
1BQ
1BQ
1BQ
Log
Math
Attack
Decay
1
Master ON/OFF
(0x46[0])
ealpha
B0321-14
1
1
1
1
1
1
51 V1OM
52 V2OM
60 V6OM
55
2A
I2C:53 – V1IM
31
2B–2F, 58
32–36, 5C
59
I C Subaddress in Red
2
5D
5E
29
30
I2C:54 – V2IM
L
R
1BQ
1BQ
Vol1
5A
5B
21 (D8, D9)
½
½
61
+
+
+
–1
0
Auto-lp
(0x46 Bit 5)
Log
Math
Attack
Decay
1
Master ON/OFF
(0x46[1])
ealpha
ealpha
ealpha
Vol2
+
+
3D
3D
3A
3A
1
0
3
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Figure 45. DAP Process Structure
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com