Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 10Page - Texas Instruments TAS5731MPHPR Datasheet HTML 11Page - Texas Instruments TAS5731MPHPR Datasheet HTML 12Page - Texas Instruments TAS5731MPHPR Datasheet HTML 13Page - Texas Instruments TAS5731MPHPR Datasheet HTML 14Page - Texas Instruments TAS5731MPHPR Datasheet HTML 15Page - Texas Instruments TAS5731MPHPR Datasheet HTML 16Page - Texas Instruments TAS5731MPHPR Datasheet HTML 17Page - Texas Instruments TAS5731MPHPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C027
2.1 SE Mode
P
O = 1W
PV
DD = 24V
R
L = 2î8+8Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C026
2.1 SE Mode
P
O = 1W
PV
DD = 12V
R
L = 2î4+4Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C024
2.1 SE Mode
R
L = 2î4+8Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C025
2.1 SE Mode
P
O = 1W
PV
DD = 12V
R
L = 2î8+8Ÿ
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2î8ŸŸ
RL = 2î4ŸŸ
RL = 2î4ŸŸ
C022
2.1 SE Mode
P
O = 1W
PV
DD = 24V
T
A = 25
ƒC
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C023
2.1 SE Mode
R
L = 2î8+8Ÿ
T
A = 25ƒC
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics, 2.1 SE Configuration, 4
Ω (continued)
Figure 11. Total Harmonic Distortion + Noise vs
Figure 12. Efficiency vs Total Output Power (2.1 SE Mode)
Frequency (2.1 SE Mode)
Figure 14. Crosstalk vs Frequency (2.1 SE Mode)
Figure 13. Efficiency vs Total Output Power (2.1 SE Mode)
Figure 15. Crosstalk vs Frequency (2.1 SE Mode)
Figure 16. Crosstalk vs Frequency (2.1 SE Mode)
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com