Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments TAS5731MPHPR Datasheet HTML 22Page - Texas Instruments TAS5731MPHPR Datasheet HTML 23Page - Texas Instruments TAS5731MPHPR Datasheet HTML 24Page - Texas Instruments TAS5731MPHPR Datasheet HTML 25Page - Texas Instruments TAS5731MPHPR Datasheet HTML 26Page - Texas Instruments TAS5731MPHPR Datasheet HTML 27Page - Texas Instruments TAS5731MPHPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
9.3 Feature Description
9.3.1 Power Supply
To facilitate system design, the TAS5731M needs only a 3.3-V supply in addition to the PVDD power-stage
supply. An internal voltage regulator provides suitable voltage levels for the gate drive circuitry. Additionally, all
circuitry requiring a floating voltage supply, for example, the high-side gate drive, is accommodated by built-in
bootstrap circuitry requiring only a few external capacitors.
In order to provide good electrical and acoustical characteristics, the PWM signal path for the output stage is
designed as identical half-bridges with separate bootstrap pins (BST_x). The gate-drive voltage (GVDD_OUT) is
derived from the PVDD voltage. Special attention must be paid to placing all decoupling capacitors as close to
their associated pins as possible. Inductance between the power-supply pins and decoupling capacitors must be
avoided.
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BST_x) to the power-stage output pin (OUT_x). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive regulator output pin (GVDD_OUT) and the
bootstrap pin. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output
potential and thus provides a suitable voltage supply for the high-side gate driver. In an application with PWM
switching frequencies in the range from 288 kHz to 384 kHz, it is recommended to use 10-nF, X7R ceramic
capacitors, size 0603 or 0805, for the bootstrap supply. These 10-nF capacitors ensure sufficient energy storage,
even during minimal PWM duty cycles, to keep the high-side power-stage FET (LDMOS) fully turned on during
the remaining part of the PWM cycle.
Special attention must be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each half-bridge has independent power-stage supply pins (PVDD_x). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_x pin is
decoupled with a 100-nF, X7R ceramic capacitor placed as close as possible to each supply pin.
The TAS5731M is fully protected against erroneous power-stage turnon due to parasitic gate charging.
9.3.2 I2C Address Selection and Fault Output
ADR/FAULT is an input pin during power up. It can be pulled HIGH or LOW through a resistor as shown in the
Typical Applications sections in order to set the I2C address. Pulling this pin HIGH through the resistor results in
setting the I2C 7-bit address to 0011011 (0x36), and pulling it LOW through the resistor results in setting the
address to 0011010 (0x34).
During power up, the address of the device is latched in, freeing up the ADR/FAULT pin to be used as a fault
notification output. When configured as a fault output, the pin will go low when a fault occurs and will return to its
default state when register 0x02 is cleared. The behavior of the pin in response to a fault condition is to be pulled
low immediately upon an error. The device then waits for a period of time determined by BKND_ERR Register
(0x1C) before attempting to resume playback. If the error has been cleared when the device attempts to resume
playback, playback will resume, the ADR/FAULT pin will remain high, and normal operation will resume. If the
error has not been removed, then the device will immediately re-enter the protected state and wait again for the
predetermined period of time to pass. The device will pull the fault pin low for over-current, over-temperature, and
under-voltage lock-out.
9.3.3 Single-Filter PBTL Mode
The TAS5731M supports parallel BTL (PBTL) mode with OUT_A/OUT_B (and OUT_C/OUT_D) connected
before the LC filter. In addition to connecting OUT_A/OUT_B and OUT_C/OUT_D, BST_A/BST_B and
BST_C/BST_D must also be connected before the LC filter, as shown in the Figure 71. In order to put the part in
PBTL configuration, drive PBTL (pin 8) HIGH. This synchronizes the turnoff of half-bridges A and B (and similarly
C/D) if an overcurrent condition is detected in either half-bridge. There is a pulldown resistor on the PBTL pin that
configures the part in BTL mode if the pin is left floating.
PWM output multiplexers must be updated to set the device in PBTL mode. Output Mux Register (0x25) must be
written with a value of 0x0110 3245.
24
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com