Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5731MPHPR Datasheet HTML 1Page - Texas Instruments TAS5731MPHPR Datasheet HTML 2Page - Texas Instruments TAS5731MPHPR Datasheet HTML 3Page - Texas Instruments TAS5731MPHPR Datasheet HTML 4Page - Texas Instruments TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
SSTIMER
NC
PLL_FLTP
VR_ANA
PBTL
AVSS
PLL_FLTM
BST_A
NC
PVDD_AB
OUT_A
RESET
PVDD_AB
STEST
DVDD
DVSS
GND
VREG
PVDD_CD
BST_D
OUT_D
AGND
PVDD_CD
GVDD_OUT
P0075-25
TAS5731M
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
6 Pin Configuration and Functions
PHP Package
48-Pin HTQFP
Top View
Pin Functions
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AGND
30
P
Local analog ground for power stage, which must be connected to
the system ground.
ADR/FAULT
14
DIO
Dual function terminal which sets the LSB of the 7-bit I2C address to
"0" if pulled to GND and to "1" if pulled to DVDD. If configured to be
a fault output by the methods described in I²C Address Selection and
Fault Output, this terminal is pulled low when an internal fault occurs.
A pull-up or pull-down resistor is required, as is shown in the Typical
Application Circuit Diagrams. If pulled high (to DVDD), a 15-k
Ω
resistor must be used to minimize in-rush current at power up and to
isolate the net if the pin is used as a fault output, as described
above.
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are 20-µA weak pullups and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to assure
proper input logic levels if the terminals are left unconnected (pull-ups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 20 µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 20 µA while maintaining a logic-1 drive level.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com