Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5731MPHPR Datasheet HTML 1Page - Texas Instruments TAS5731MPHPR Datasheet HTML 2Page - Texas Instruments TAS5731MPHPR Datasheet HTML 3Page - Texas Instruments TAS5731MPHPR Datasheet HTML 4Page - Texas Instruments TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Pin Functions (continued)
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
43
P
High-side bootstrap supply for half-bridge B
BST_C
42
P
High-side bootstrap supply for half-bridge C
BST_D
33
P
High-side bootstrap supply for half-bridge D
DVDD
27
P
3.3-V digital power supply
DVSS
28
P
Digital ground
DVSSO
17
P
Oscillator ground
GND
29
P
Analog ground for power stage
GVDD_OUT
32
P
Gate drive internal regulator output
LRCLK
20
DI
5-V
Pulldown
Input serial audio data left/right clock (sample-rate clock)
MCLK
15
DI
5-V
Pulldown
Master clock input
NC
5, 7,
–
No connect
40,
41,
44, 45
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18.2-k
Ω, 1% resistor to DVSSO.
OUT_A
1
O
Output, half-bridge A
OUT_B
46
O
Output, half-bridge B
OUT_C
39
O
Output, half-bridge C
OUT_D
36
O
Output, half-bridge D
PBTL
8
DI
Pulldown
Low means BTL mode; high means PBTL mode. Information goes
directly to power stage.
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the noise shaper and initiating the PWM
stop sequence.
PGND_AB
47, 48
P
Power ground for half-bridges A and B
PGND_CD
37, 38
P
Power ground for half-bridges C and D
PLL_FLTM
10
AO
PLL negative loop-filter terminal
PLL_FLTP
11
AO
PLL positive loop-filter terminal
PVDD_AB
2, 3
P
Power-supply input for half-bridge output A and B
PVDD_CD
34, 35
P
Power-supply input for half-bridge output C and D
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic
low to this pin. RESET is an asynchronous control signal that
restores the DAP to its default conditions and places the PWM in the
hard-mute (high-impedance) state.
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio-data clock (shift clock). SCLK is the serial-audio-port
input-data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
SSTIMER
6
AI
Controls ramp time of OUT_x to minimize pop. Leave this pin
floating for BD mode. Requires capacitor of 2.2 nF to GND in AD
mode. The capacitor determines the ramp time.
STEST
26
DI
Factory test pin. Connect directly to DVSS.
VR_ANA
12
P
Internally regulated 1.8-V analog supply voltage. This pin must not
be used to power external devices.
VR_DIG
18
P
Internally regulated 1.8-V digital supply voltage. This pin must not be
used to power external devices.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com