Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 13Page - Texas Instruments TAS5731MPHPR Datasheet HTML 14Page - Texas Instruments TAS5731MPHPR Datasheet HTML 15Page - Texas Instruments TAS5731MPHPR Datasheet HTML 16Page - Texas Instruments TAS5731MPHPR Datasheet HTML 17Page - Texas Instruments TAS5731MPHPR Datasheet HTML 18Page - Texas Instruments TAS5731MPHPR Datasheet HTML 19Page - Texas Instruments TAS5731MPHPR Datasheet HTML 20Page - Texas Instruments TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C012
2.0 BTL Mode
P
O = 1W
PV
DD = 12V
R
L = 4Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C015
2.0 BTL Mode
P
O = 1W
PV
DD = 24V
R
L = 4Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C010
2.0 BTL Mode
P
O = 1W
PV
DD = 12V
R
L = 8Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C011
2.0 BTL Mode
P
O = 1W
PV
DD = 24V
R
L = 8Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C005
2.0 BTL Mode
R
L = 8Ÿ
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C008
2.0 BTL Mode
PV
DD = 24V
P
O = 1W
T
A = 25ƒC
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Typical Characteristics, 2.0 BTL Configuration, 8
Ω (continued)
Figure 24. Total Harmonic Distortion vs Frequency (2.0
Figure 25. Efficiency vs Output Power (2.0 BTL Mode)
BTL Mode)
Figure 26. Crosstalk vs Frequency (2.0 BTL Mode)
Figure 27. Crosstalk vs Frequency (2.0 BTL Mode)
Figure 28. Crosstalk vs Frequency (2.0 BTL Mode)
Figure 29. Crosstalk vs Frequency (2.0 BTL Mode)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com