Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 41Page - Texas Instruments TAS5731MPHPR Datasheet HTML 42Page - Texas Instruments TAS5731MPHPR Datasheet HTML 43Page - Texas Instruments TAS5731MPHPR Datasheet HTML 44Page - Texas Instruments TAS5731MPHPR Datasheet HTML 45Page - Texas Instruments TAS5731MPHPR Datasheet HTML 46Page - Texas Instruments TAS5731MPHPR Datasheet HTML 47Page - Texas Instruments TAS5731MPHPR Datasheet HTML 48Page - Texas Instruments TAS5731MPHPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Register Maps (continued)
Table 3. Serial Control Interface Register Summary (continued)
NO. OF
SUBADDRESS
REGISTER NAME
CONTENTS(1)
INITIALIZATION VALUE
BYTES
0x5E
pseudo_ch2 BQ[0]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x5F
4
Reserved(2)
0x60
Channel 4 (subchannel)
8
Ch 4 output mixer[1]
0x0000 0000
output mixer
Ch 4 output mixer[0]
0x0080 0000
0x61
Channel 4 (subchannel)
8
Ch 4 input mixer[1]
0x0040 0000
input mixer
Ch 4 input mixer[0]
0x0040 0000
0x62
IDF post scale
4
Post-IDF attenuation register
0x0000 0080
0x63–0xF7
Reserved(2)
0x0000 0000
0xF8
Device address enable
4
Write F9 A5 A5 A5 in this register to enable write to
0x0000 0000
register
device address update (0xF9)
0xF9
Device address Update
4
u[31:8], New Dev Id[7:1] , ZERO[0] (New Dev Id
0X0000 0036
Register
(7:1) defines the new device address
0xFA–0xFF
4
Reserved(2)
0x0000 0000
All DAP coefficients are 3.23 format unless specified otherwise.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com