Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 66 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 62Page - Texas Instruments TAS5731MPHPR Datasheet HTML 63Page - Texas Instruments TAS5731MPHPR Datasheet HTML 64Page - Texas Instruments TAS5731MPHPR Datasheet HTML 65Page - Texas Instruments TAS5731MPHPR Datasheet HTML 66Page - Texas Instruments TAS5731MPHPR Datasheet HTML 67Page - Texas Instruments TAS5731MPHPR Datasheet HTML 68Page - Texas Instruments TAS5731MPHPR Datasheet HTML 69Page - Texas Instruments TAS5731MPHPR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
10.2.2.1 Design Requirements
SPACE
Table 26. Design Requirements
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
8 V to 24 V
I2S Compliant Master
Host Processor
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speaker
4
Ω minimum
10.2.2.2 Detailed Design Procedure
Refer to Detailed Design Procedure for information.
10.2.2.3 Application Curves
SPACE
Table 27. Relevant Performance Curves
CURVE TITLE
FIGURE
Output Power vs Supply Voltage (PBTL Mode)
Figure 32
With 2
ω Load on Typical 2 Layer PCB, Device May Be Thermally Limited Above 20 V
Total Harmonic Distortion + Noise vs Output Power (PBTL Mode)
Figure 33
Total Harmonic Distortion + Noise vs Output Power (PBTL Mode)
Figure 34
Total Harmonic Distortion + Noise vs Output Power (PBTL Mode)
Figure 35
Total Harmonic Distortion vs Frequency (PBTL Mode)
Figure 36
Total Harmonic Distortion vs Frequency (PBTL Mode)
Figure 37
Total Harmonic Distortion vs Frequency (PBTL Mode)
Figure 38
Efficiency vs Output Power (PBTL Mode)
Figure 39
Efficiency vs Output Power (PBTL Mode)
Figure 40
Power vs Supply Voltage (PBTL Mode)
Figure 41
Idle Channel Noise vs Supply Voltage (PBTL Mode)
Figure 42
66
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com