Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 47Page - Texas Instruments TAS5731MPHPR Datasheet HTML 48Page - Texas Instruments TAS5731MPHPR Datasheet HTML 49Page - Texas Instruments TAS5731MPHPR Datasheet HTML 50Page - Texas Instruments TAS5731MPHPR Datasheet HTML 51Page - Texas Instruments TAS5731MPHPR Datasheet HTML 52Page - Texas Instruments TAS5731MPHPR Datasheet HTML 53Page - Texas Instruments TAS5731MPHPR Datasheet HTML 54Page - Texas Instruments TAS5731MPHPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
9.6.11 Interchannel Delay Registers (0x11, 0x12, 0x13, and 0x14)
Internal PWM Channels 1, 2, 1, and 2 are mapped into registers 0x11, 0x12, 0x13, and 0x14.
Table 14. Channel Interchannel Delay Registers (0x11, 0x12, 0x13, and 0x14)
BITS DEFINITION
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
–
–
Minimum absolute delay, 0 DCLK cycles
0
1
1
1
1
1
–
–
Maximum positive delay, 31 × 4 DCLK cycles
1
0
0
0
0
0
–
–
Maximum negative delay, –32 × 4 DCLK cycles
0
0
Reserved
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
DELAY = (VALUE) × 4 DCLKs
0x11
1
0
1
0
1
1
–
–
Default value for channel 1(1)
0x12
0
1
0
1
0
1
–
–
Default value for channel 2 (1)
0x13
1
0
1
0
1
1
–
–
Default value for channel 1 (1)
0x14
0
1
0
1
0
1
–
–
Default value for channel 2 (1)
(1)
Default values are in bold.
ICD settings have high impact on audio performance (e.g., dynamic range, THD, crosstalk etc.). Therefore,
appropriate ICD settings must be used. By default, the device has ICD settings for AD mode. If used in BD
mode, then update these registers before coming out of all-channel shutdown.
REGISTER
AD MODE
BD MODE
0x11
AC
B8
0x12
54
60
0x13
AC
A0
0x14
54
48
9.6.12 PWM Shutdown Group Register (0x19)
Settings of this register determine which PWM channels are active. The value must be 0x30 for BTL mode and
0x3A for PBTL mode. The default value of this register is 0x30. The functionality of this register is tied to the
state of bit D5 in the system control register.
This register defines which channels belong to the shutdown group (SDG). If a 1 is set in the shutdown group
register, that particular channel is not started following an exit out of all-channel shutdown command (if bit D5 is
set to 0 in system control register 2, 0x05).
Table 15. Shutdown Group Register (0x19)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved(1)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
1
–
–
–
–
–
Reserved(1)
–
–
–
1
–
–
–
–
Reserved(1)
–
–
–
–
0
–
–
–
PWM channel 4 does not belong to shutdown group. (1)
–
–
–
–
1
–
–
–
PWM channel 4 belongs to shutdown group.
–
–
–
–
–
0
–
–
PWM channel 3 does not belong to shutdown group. (1)
–
–
–
–
–
1
–
–
PWM channel 3 belongs to shutdown group.
–
–
–
–
–
–
0
–
PWM channel 2 does not belong to shutdown group. (1)
–
–
–
–
–
–
1
–
PWM channel 2 belongs to shutdown group.
–
–
–
–
–
–
–
0
PWM channel 1 does not belong to shutdown group. (1)
–
–
–
–
–
–
–
1
PWM channel 1 belongs to shutdown group.
(1)
Default values are in bold.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com