Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 21Page - Texas Instruments TAS5731MPHPR Datasheet HTML 22Page - Texas Instruments TAS5731MPHPR Datasheet HTML 23Page - Texas Instruments TAS5731MPHPR Datasheet HTML 24Page - Texas Instruments TAS5731MPHPR Datasheet HTML 25Page - Texas Instruments TAS5731MPHPR Datasheet HTML 26Page - Texas Instruments TAS5731MPHPR Datasheet HTML 27Page - Texas Instruments TAS5731MPHPR Datasheet HTML 28Page - Texas Instruments TAS5731MPHPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Feature Description (continued)
9.3.4 Device Protection System
9.3.4.1 Overcurrent (OC) Protection With Current Limiting
The device has independent, fast-reacting current detectors on all high-side and low-side power-stage FETs. The
detector outputs are closely monitored by a protection system. If the high-current condition situation persists, that
is, the power stage is being overloaded, a protection system triggers a latching shutdown, resulting in the power
stage being set in the high-impedance (Hi-Z) state. The device returns to normal operation once the fault
condition (that is, a short circuit on the output) is removed. Current-limiting and overcurrent protection are not
independent for half-bridges. That is, if the bridge-tied load between half-bridges A and B causes an overcurrent
fault, half-bridges A, B, C, and D are shut down.
9.3.4.2 Overtemperature Protection
The TAS5731M has an overtemperature-protection system. If the device junction temperature exceeds 150°C
(nominal), the device is put into thermal shutdown, resulting in all half-bridge outputs being set in the high-
impedance (Hi-Z) state. The TAS5731M recovers automatically once the temperature drops approximately 30°C.
9.3.4.3 Undervoltage Protection (UVP) and Power-On Reset (POR)
The UVP and POR circuits of the TAS5731M fully protect the device in any power-up/down and brownout
situation. While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are
fully operational when the PVDD and AVDD supply voltages reach 7.6 V and 2.7 V, respectively. Although PVDD
and AVDD are independently monitored, a supply-voltage drop below the UVP threshold on AVDD or either
PVDD pin results in all half-bridge outputs immediately being set in the high-impedance (Hi-Z) state.
9.3.5 SSTIMER Functionality
The SSTIMER pin uses a capacitor connected between this pin and ground to control the output duty cycle when
exiting all-channel shutdown. The capacitor on the SSTIMER pin is slowly charged through an internal current
source, and the charge time determines the rate at which the output transitions from a near-zero duty cycle to the
desired duty cycle. This allows for a smooth transition that minimizes audible pops and clicks. When the part is
shut down, the drivers are placed in the high-impedance state and transition slowly down through a 3-k
Ω resistor,
similarly minimizing pops and clicks. The shutdown transition time is independent of the SSTIMER pin
capacitance. Larger capacitors increase the start-up time, while capacitors smaller than 2.2 nF decrease the
start-up time. The SSTIMER pin can be left floating for BD modulation.
9.3.6 Clock, Autodetection, and PLL
The TAS5731M is an I2S slave device. It accepts MCLK, SCLK, and LRCLK. The digital audio processor (DAP)
supports all the sample rates and MCLK rates that are defined in the Clock Control Register (0x00).
The TAS5731M checks to verify that SCLK is a specific value of 32 fS, 48 fS, or 64 fS. The DAP only supports a 1
× fS LRCLK. The timing relationship of these clocks to SDIN is shown in subsequent sections. The clock section
uses MCLK or the internal oscillator clock (when MCLK is unstable, out of range, or absent) to produce the
internal clock (DCLK) running at 512 times the PWM switching frequency.
The DAP can autodetect and set the internal clock control logic to the appropriate settings for all supported clock
rates as defined in the clock-control register.
The TAS5731M has robust clock error handling that uses the built-in trimmed oscillator clock to quickly detect
changes/errors. Once the system detects a clock change/error, it mutes the audio (through a single-step mute)
and then forces PLL to limp using the internal oscillator as a reference clock. Once the clocks are stable, the
system autodetects the new rate and reverts to normal operation. During this process, the default volume is
restored in a single step (also called hard unmute). The ramp process can be programmed to ramp back slowly
(also called soft unmute) as defined in volume register (0x0E).
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com