Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 50 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 46Page - Texas Instruments TAS5731MPHPR Datasheet HTML 47Page - Texas Instruments TAS5731MPHPR Datasheet HTML 48Page - Texas Instruments TAS5731MPHPR Datasheet HTML 49Page - Texas Instruments TAS5731MPHPR Datasheet HTML 50Page - Texas Instruments TAS5731MPHPR Datasheet HTML 51Page - Texas Instruments TAS5731MPHPR Datasheet HTML 52Page - Texas Instruments TAS5731MPHPR Datasheet HTML 53Page - Texas Instruments TAS5731MPHPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
9.6.9 Volume Configuration Register (0x0E)
Bits
Volume slew rate (Used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp. Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows
Sample Rate (KHz)
Approximate Ramp Rate
8/16/32
125 µs/step
11.025/22.05/44.1
90.7 µs/step
12/24/48
83.3 µs/step
Table 12. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
1
0
–
–
–
Reserved(1)
–
0
–
–
–
–
–
–
Subchannel (ch4) volume = ch1 volume (2) (1)
–
1
–
–
–
–
–
–
Subchannel volume = register 0x0A(2)
–
–
0
–
–
–
–
–
Ch3 volume = ch2 volume(1)
–
–
1
–
–
–
–
–
Ch3 volume = register 0x0A
–
–
–
–
–
0
0
0
Volume slew 512 steps (43-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85-ms volume ramp time at 48 kHz) (1)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171- ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21-ms volume ramp time at 48 kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
(2)
Bits 6:5 can be changed only when volume is in MUTE [master volume = MUTE (register 0x07 = 0xFF)].
9.6.10 Modulation Limit Register (0x10)
The modulation limit is the maximum duty cycle of the PWM output waveform.
Table 13. Modulation Limit Register (0x10)
D7
D6
D5
D4
D3
D2
D1
D0
MODULATION LIMIT
–
–
–
–
–
0
0
0
99.2%
–
–
–
–
–
0
0
1
98.4%
–
–
–
–
–
0
1
0
97.7%(1)
–
–
–
–
–
0
1
1
96.9%
–
–
–
–
–
1
0
0
96.1%
–
–
–
–
–
1
0
1
95.3%
–
–
–
–
–
1
1
0
94.5%
–
–
–
–
–
1
1
1
93.8%
0
0
0
0
0
–
–
–
Reserved
(1)
Default values are in bold.
50
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com