Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 65Page - Texas Instruments TAS5731MPHPR Datasheet HTML 66Page - Texas Instruments TAS5731MPHPR Datasheet HTML 67Page - Texas Instruments TAS5731MPHPR Datasheet HTML 68Page - Texas Instruments TAS5731MPHPR Datasheet HTML 69Page - Texas Instruments TAS5731MPHPR Datasheet HTML 70Page - Texas Instruments TAS5731MPHPR Datasheet HTML 71Page - Texas Instruments TAS5731MPHPR Datasheet HTML 72Page - Texas Instruments TAS5731MPHPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
11 Power Supply Recommendations
The TAS5731M requires two power supplies; a low voltage 3.3 V nominal for the pins DVDD, AVDD, and
DRVDD and a high power supply, 8 V to 24 V for the pin PVDD. There is no requirement for power up
sequencing of low and high power supplies, however is recommended to put the PDN pin to low before removing
the low voltage power supplies in order to protect the outputs.
11.1 DVDD and AVDD Supplies
The AVDD Supply is used to power the analog internal circuit of the device, and needs a well regulated and
filtered 3.3-V supply voltage. The DVDD Supply is used to power the digital circuitry. DVDD needs a well
regulated and filtered 3.3-V supply voltage.
11.2 PVDD Power Supply
The TAS5731M class-D audio amplifier requires adequate power supply decoupling to ensure the output total
harmonic distortion (THD) and noise is as low as possible. A good low equivalent-series-resistance (ESR)
ceramic capacitor, typically 1 µF, placed as close as possible to the device PVDD leads works best. For filtering
lower frequency noise signals, a 10 µF or greater capacitor placed near the audio power amplifier is
recommended.
12 Layout
12.1 Layout Guidelines
Class-D switching edges are fast and switched currents are high so it is necessary to take care when planning
the layout of the printed circuit board. The following suggestions will help to meet audio, thermal and EMC
requirements.
•
TAS5731M uses the PCB for heat sinking therefore the PowerPAD needs to be soldered to the PCB and
adequate copper area and copper vias connecting the top, bottom and internal layers must be used.
•
Decoupling capacitors: the high-frequency decoupling capacitors must be placed as close to the supply pins
as possible; on the TAS5731M a 1-µF high-quality ceramic capacitor is used. Large (10
μF or greater) bulk
power supply decoupling capacitors must be placed near the TAS5731M on the PVDD supplies.
•
Keep the current loop from each of the outputs through the output inductor and the small filter cap and back
to GND as small and tight as possible. The size of this current loop determines its effectiveness as an
antenna.
•
Grounding: A big common GND plane is recommended. The PVDD decoupling capacitors must connect to
GND. The TAS5731M PowerPAD must be connected to GND.
•
Output filter: remember to select inductors that can handle the high short circuit current of the device. The LC
filter must be placed close to the outputs.
The EVM product folder (TAS5731EVM) and User’s Guide (SLOU331) available on www.ti.com show schematic,
bill of material, gerber files, and more detailed layout plots.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com