Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 4Page - Texas Instruments TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments TAS5731MPHPR Datasheet HTML 10Page - Texas Instruments TAS5731MPHPR Datasheet HTML 11Page - Texas Instruments TAS5731MPHPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
7.6 DC Electrical Characteristics
TA = 25°, PVDD_x = 18 V, DVDD = AVDD = 3.3 V, RL= 8 Ω, BTL AD mode, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA
VOH
High-level output voltage
ADR/FAULT and SDA
2.4
V
DVDD = 3 V
IOL = 4 mA
VOL
Low-level output voltage
ADR/FAULT and SDA
0.5
V
DVDD = 3 V
VI < VIL;
IIL
Low-level input current
75
μA
DVDD = AVDD = 3.6 V
VI > VIH;
IIH
High-level input current
75(1)
μA
DVDD = AVDD = 3.6 V
Normal mode
49
68
3.3-V supply voltage (DVDD,
IDD
3.3-V supply current
mA
Reset (RESET = low,
AVDD)
23
38
PDN = high)
Normal mode
32
50
IPVDD
Supply current
No load (PVDD_x)
mA
Reset (RESET = low,
4
8
PDN = high)
Drain-to-source resistance, LS
TJ = 25°C, includes metallization resistance
80
rDS(on)
(2)
m
Ω
Drain-to-source resistance, HS
TJ = 25°C, includes metallization resistance
80
I/O PROTECTION
Vuvp
Undervoltage protection limit
PVDD falling
6.4
V
Vuvp,hyst
Undervoltage protection limit
PVDD rising
7.1
V
OTE(3)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(3)
30
°C
required to recover from error
IOC
Overcurrent limit protection
Output to output short in BTL mode
4.5
A
IOCT
Overcurrent response time
150
ns
(1)
IIH for the PBTL pin has a maximum limit of 200 µA due to an internal pulldown on the pin.
(2)
This does not include bond-wire or pin resistance.
(3)
Specified by design.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com