Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments TAS5731MPHPR Datasheet HTML 10Page - Texas Instruments TAS5731MPHPR Datasheet HTML 11Page - Texas Instruments TAS5731MPHPR Datasheet HTML 12Page - Texas Instruments TAS5731MPHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
7.7 AC Electrical Characteristics (BTL, PBTL)
PVDD_x = 18 V, BTL AD mode, fS = 48 kHz, RL = 8 Ω, CBST = 10 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BTL mode, PVDD = 8 V, RL = 8 Ω, 7% THD
3.9
BTL mode, PVDD = 8 V, RL = 8 Ω,10% THD
4.2
BTL mode, PVDD = 12 V, RL = 8 Ω, 7% THD
8
BTL mode, PVDD = 12 V, RL = 8 Ω,10% THD
9.6
BTL mode, PVDD = 18 V, RL = 8 Ω, 7% THD
18.7
BTL mode, PVDD = 18 V, RL = 8 Ω, 10% THD
21.2
BTL mode, PVDD = 24 V, RL = 8 Ω, 7% THD
32.6
BTL mode, PVDD = 24 V, RL = 8 Ω, 10% THD
37.2
PBTL mode, PVDD = 12 V, RL = 4 Ω, 7% THD
16.5
PBTL mode, PVDD = 12 V, RL = 4 Ω, 10% THD
17.9
PO
Power output per channel
W
PBTL mode, PVDD = 18 V, RL = 4 Ω, 7% THD
37
PBTL mode, PVDD = 18 V, RL = 4 Ω, 10% THD
39.6
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
66
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
69.6
SE Mode, PVDD = 12 V, RL = 4
Ω, 7% THD
4.2
SE Mode, PVDD = 12 V, RL = 4
Ω, 10% THD
4.6
SE Mode, PVDD = 18 V, RL = 4
Ω, 7% THD
9.6
SE Mode, PVDD = 18 V, RL = 4
Ω, 10% THD
10.2
SE Mode, PVDD = 24 V, RL = 4
Ω, 7% THD
17.1
SE Mode, PVDD = 24 V, RL = 4
Ω, 10% THD
18.1
PVDD = 8 V, PO = 1 W
0.15%
PVDD = 12 V, PO = 1 W
0.03%
THD+N
Total harmonic distortion + noise
PVDD = 18 V, PO = 1 W
0.04%
PVDD = 24 V, PO = 1 W
0.1%
Vn
Output integrated noise (rms)
A-weighted
46
μV
Cross-talk
PO = 0.25 W, f = 1 kHz (AD Mode)
–67
dB
A-weighted, f = 1 kHz, maximum power at THD
SNR
Signal-to-noise ratio(1)
104
dB
< 1%
(1)
SNR is calculated relative to 0-dBFS input level.
7.8 Electrical Characteristics - PLL External Filter Components
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External PLL filter capacitor C1
SMD 0603 X7R
47
nF
External PLL filter capacitor C2
SMD 0603 X7R
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
7.9 Electrical Characteristic - I
2C Serial Control Port Operation
for I
2C Interface signals over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL
Load capacitance for each bus line
400
pF
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com