Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 17Page - Microchip Technology LAN9730 Datasheet HTML 18Page - Microchip Technology LAN9730 Datasheet HTML 19Page - Microchip Technology LAN9730 Datasheet HTML 20Page - Microchip Technology LAN9730 Datasheet HTML 21Page - Microchip Technology LAN9730 Datasheet HTML 22Page - Microchip Technology LAN9730 Datasheet HTML 23Page - Microchip Technology LAN9730 Datasheet HTML 24Page - Microchip Technology LAN9730 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 21
LAN9730/LAN9730i
1
Ethernet Link
Activity Indi-
cator LED
nLNKA_LED
OD12
(PU)
This pin is driven low (LED on) when a valid link is
detected. This pin is pulsed high (LED off) for
80 ms whenever transmit or receive activity is
detected. This pin is then driven low again for a
minimum of 80 ms, after which time it will repeat
the process if TX or RX activity is detected. Effec-
tively, LED2 is activated solid for a link. When
transmit or receive activity is sensed, LED2 will
function as an activity indicator.
General Pur-
pose I/O 9
GPIO9
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may serve as the
PME_MODE_SEL input when External
PHY and PME Modes of operation are
in effect. Refer to Chapter 5.0, "PME
Operation" for additional information.
Note:
By default this pin is configured as a
GPIO.
1
Ethernet
Speed Indica-
tor LED
nSPD_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
operating speed is 100 Mbs, or during auto-nego-
tiation. This pin is driven high during 10 Mbs oper-
ation or during line isolation.
General Pur-
pose I/O 10
GPIO10
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may serve as a wakeup pin
whose detection mode is selectable
when External PHY and PME Modes of
operation are in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
Note:
By default this pin is configured as a
GPIO.
1
Core Regula-
tor Enable
CORE_REG_EN
AI
This pin enables/disables the internal core logic
voltage regulator.
When tied low to VSS, the internal core regulator
is disabled and +1.2 V must be supplied to the
device by an external source.
When tied high to +3.3 V, the internal core regula-
tor is enabled.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
1
Test 1
TEST1
-
This pin must always be connected to VSS for
proper operation.
TABLE 2-4:
MISCELLANEOUS PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com