Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 86 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 86 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 82Page - Microchip Technology LAN9730 Datasheet HTML 83Page - Microchip Technology LAN9730 Datasheet HTML 84Page - Microchip Technology LAN9730 Datasheet HTML 85Page - Microchip Technology LAN9730 Datasheet HTML 86Page - Microchip Technology LAN9730 Datasheet HTML 87Page - Microchip Technology LAN9730 Datasheet HTML 88Page - Microchip Technology LAN9730 Datasheet HTML 89Page - Microchip Technology LAN9730 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 86
 2012-2015 Microchip Technology Inc.
4.7
EEPROM Controller (EPC)
The device may use an external EEPROM to store the default values for the USB descriptors and the MAC address.
The EEPROM controller supports most 256/512 byte “93C46” type EEPROMs.
The MAC address is used as the default Ethernet MAC address and is loaded into the MAC’s ADDRH and ADDRL reg-
isters. If a properly configured EEPROM is not detected, it is the responsibility of the host LAN Driver to set the IEEE
addresses.
After a system-level reset occurs, the device will load the default values from a properly configured EEPROM. The
device will not accept USB transactions from the host until this process is completed.
The EEPROM controller also allows the host system to read, write and erase the contents of the serial EEPROM.
4.7.1
EEPROM FORMAT
Table 4-56 illustrates the format in which data is stored inside of the EEPROM.
Note the EEPROM offsets are given in units of 16-bit word offsets. A length field with a value of zero indicates that the
field does not exist in the EEPROM. The device will use the field’s HW default value in this case.
Note:
A 3-wire style 2k/4k EEPROM that is organized for 256/512 x 8-bit operation must be used.
Note:
For the Device Descriptor, the only valid values for the length are 0 and 18.
Note:
For the configuration and Interface Descriptor, the only valid values for the length are 0 and 18.
Note:
The EEPROM programmer must ensure that if a String Descriptor does not exist in the EEPROM, the ref-
erencing descriptor must contain 00h for the respective string index field.
Note:
If all String Descriptor lengths are zero, then a Language ID will not be supported.
TABLE 4-56:
EEPROM FORMAT
EEPROM Address
EEPROM Contents
00h
0xA5
01h
MAC Address [7:0]
02h
MAC Address [15:8]
03h
MAC Address [23:16]
04h
MAC Address [31:24]
05h
MAC Address [39:32]
06h
MAC Address [47:40]
07h
Full-Speed Polling Interval for Interrupt Endpoint
08h
Hi-Speed Polling Interval for Interrupt Endpoint
09h
Configuration Flags
0Ah
Language ID Descriptor [7:0]
0Bh
Language ID Descriptor [15:8]
0Ch
Manufacturer ID String Descriptor Length (bytes)
0Dh
Manufacturer ID String Descriptor EEPROM Word Offset
0Eh
Product Name String Descriptor Length (bytes)
0Fh
Product Name String Descriptor EEPROM Word Offset
10h
Serial Number String Descriptor Length (bytes)
11h
Serial Number String Descriptor EEPROM Word Offset
12h
Configuration String Descriptor Length (bytes)
13h
Configuration String Descriptor Word Offset
14h
Interface String Descriptor Length (bytes)
15h
Interface String Descriptor Word Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com